Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322P Datasheet(PDF) 29 Page - Injoinic Technology Co.,Ltd.

Part # IP5322P
Description  integrated buck-boost driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322P Datasheet(HTML) 29 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322P Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 32Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
IP5386
V1.01
Email: service@injoinic.com
29 / 32
Copyright © 2022, Injoinic Corp.
BOM 表
序号
元件名称
型号
&规格
位置
用量
备注
1
贴片芯片
QFN48 IP5386
U1
1
2
贴片电容
0603 100nF 10% 50V
C1 C2
2
3
贴片电容
0603 1μF 10% 16V
C3 C4
2
4
贴片电容
0603 2.2μF 10% 16V
C5 C6
2
5
贴片电容
0805 10μF 10% 25V
CP1 CP3 CP4 CP5
4
6
贴片电容
0805 22μF 10% 25V
CP6 CP7 CP8 CP11 CP12
5
7
贴片电容
0603 2.2nF 10% 50V
C8 C9
2
8
固态电容
100μF 35V 10%
CP10 CP15
2
9
一体成型电感
4.7μH SPA1265-4R7
RDC<0.01R
L1
1
10
贴片
MOS 管
CWT3081AP
H 桥 NMOS
4
11
瞬态抑制二极管
30V TVS
T1 T2
2
12
贴片电阻
0603 10Ω 1%
R26 R27
2
13
贴片电阻
0603 2Ω 1%
R21 R22
2
14
贴片电阻
1206 0.005Ω 1%
R4 R5
2
建议
ppm<75
15
贴片电阻
0603 10kΩ 1%
R21
1
FCAP
16
贴片电阻
0603 9.1kΩ 1%
R16
1
PMAX
17
贴片电阻
0603 27kΩ 1%
R18
1
NTC_MODE
18
贴片
MOS 管
2N7002
Q5 Q6
2
电池串数
19
贴片电阻
0603 9.1kΩ 1%
R17
1
20
贴片电容
0603 100nF 10% 50V
C7
1
NTC 电路
21
NTC 热敏电阻
10kΩ@25℃ B=3380
RNTC
1
22
贴片电阻
0603 100Ω 1%
R12 R13
4
LED 方案选
23
贴片
LED
0603 蓝灯
D1 D2 D3 D4
4
24
贴片
LED
0603 红灯
D5
1
25
贴片电阻
0603 100Ω 1%
R8
1
26
贴片电阻
0603 27kΩ 1%
R14
1
27
数码管
YFTD1508SWPG-5D
SMG1
1
数码管方案选
28
贴片电阻
0603 100Ω 1%
R12 R13 R15 R19 R20
5
29
LED 灯
5MM LED
D6
1
照明灯电路
30
贴片电阻
0603 20Ω 1%
R23
1
31
贴片电阻
0603 10kΩ 1%
R6
1
按键电路
32
按键
SMT 3*6 按键
K1
1
33
贴片
MOS 管
AET3121BP
Q1 Q2 Q3 Q4
4
34
贴片电容
0603 4.7nF 10% 50V
C10 C11 C12 C13
4
35
输出
USB
AF10 8 脚插件 USB
USB1 USB2
2
36
USB C 座子
USB C 座子
USB3
1
37
Lightning 座子
苹果头母座
USB4
1
Lightning 电
38
贴片电阻
0603 3kΩ 1%
R24
1
39
贴片电阻
0603 510Ω 1%
R25
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com