Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322P Datasheet(PDF) 20 Page - Injoinic Technology Co.,Ltd.

Part # IP5322P
Description  integrated buck-boost driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322P Datasheet(HTML) 20 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322P Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
IP5386
V1.01
Email: service@injoinic.com
20 / 32
Copyright © 2022, Injoinic Corp.
12.8.2
LED 灯电量显示模式
IP5386 支持 4 颗、2 颗、1 颗电量显示灯方案,连接方式如下:
LED3
LED2
LED1
VSET
4灯模式
LED3
LED2
LED1
VSET
2灯模式
VCCIO
10k
Ω
LED3
LED2
LED1
10k
Ω
VSET
1灯模式
D1
D2
D3
D4
D1
D2
100
Ω
100
Ω
100
Ω
D1
VCCIO
100
Ω
图
12
4 颗、2 颗、1 颗 LED 连接方式
4 灯的显示方式:
充电时
表
7
IP5386 充电灯显
电量
C(%)
D1
D2
D3
D4
充满
亮
亮
亮
亮
75%≤C
亮
亮
亮
0.5Hz 闪烁
50%≤C<75%
亮
亮
0.5Hz 闪烁
灭
25%≤C<50%
亮
0.5Hz 闪烁
灭
灭
C<25%
0.5Hz 闪烁
灭
灭
灭



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com