Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4969 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4969 Datasheet HTML 7Page - STMicroelectronics L4969 Datasheet HTML 8Page - STMicroelectronics L4969 Datasheet HTML 9Page - STMicroelectronics L4969 Datasheet HTML 10Page - STMicroelectronics L4969 Datasheet HTML 11Page - STMicroelectronics L4969 Datasheet HTML 12Page - STMicroelectronics L4969 Datasheet HTML 13Page - STMicroelectronics L4969 Datasheet HTML 14Page - STMicroelectronics L4969 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11/35
L4969
1.3
CAN Transceiver
– Supports double wire unshielded busses
– Baud rate up to 125KBaud
– Short circuit protection (battery, ground, wires shorted)
– Single wire operation possible (automatic switching to single wire upon bus failures)
– Bus not loaded in case of unpowered transceiver
The CAN transceiver stage is able to transfer serial data on two independent communication wires either def-
erentially (normal operation) or in case of a single wire fault on the remaining line. The physical bitcoding is done
using dominant (transmitter active) and overwritable recessive states. Too long dominant phases are detected
internally and further transmission is automatically disabled (malfunction of protocol unit does not affect com-
munication on the bus, "fail-safe" - mechanism). For low current consumption during bus inactivity a sleep mode
is available. The operating mode can be entered from the sleep mode either by local wake up (
µC) or upon de-
tection of a dominant bit on the CAN-bus (external wake up).
Ten different errors on the physical buslines can be distinguished:
1.3.1 Detectable Physical Busline Failures
Not all of the 10 different errors lead to a breakdown of the whole communication.
So the errors can be categorized into 'negligible', 'problematic' and 'severe':
N
Type of Errors
Conditions
Errors caused by damage of the datalines or isolation
I
CANH wire interrupted (tied to Ground or termination)
Edgecount difference > 3
II
CANL wire interrupted (floating or tied termination)
Edgecount difference > 3
III
CANH short circuit to VBAT (overvoltage condition)
V(CANH) > 7.2V after 32us
IV
CANL short circuit to GND (permanently dominant)
V(CANL) < 3.1V & V(CANH)-V(CANL)
< -3.25V after 1.3ms
V
CANH short circuit to GND (permanently recessive)
Edgecount difference > 3
VI
CANL short circuit to VBAT (overvoltage condition)
V(CANL) > 7.2V after 32us
VII
CANL shorted to CANH
V(CANH) - V(CANL) < -3.25V after
1.3ms
Errors caused by misbehavior of transceiver stage
VIII
CANH short circuit to VDD (permanently dominant)
V(CANH) > 1.8V & V(CANH) -
V(CANL) < -3.25V after 2.5ms
IX
CANL short circuit to VDD (permanently recessive)
Edgecount difference > 3
Errors caused by defective protocol unit
X
CANH, CANL driven dominant for more than 1.3ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com