Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4969 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L4969 Datasheet HTML 24Page - STMicroelectronics L4969 Datasheet HTML 25Page - STMicroelectronics L4969 Datasheet HTML 26Page - STMicroelectronics L4969 Datasheet HTML 27Page - STMicroelectronics L4969 Datasheet HTML 28Page - STMicroelectronics L4969 Datasheet HTML 29Page - STMicroelectronics L4969 Datasheet HTML 30Page - STMicroelectronics L4969 Datasheet HTML 31Page - STMicroelectronics L4969 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
L4969
28/35
2.9
ADR 8 and 9: ID01, ID23 Identifier Filter Sequence Select Register
Figure 24.
Identifier of CAN Frame can be divided up into 6 segments numbered from ‘A’ to ‘F’.
For each segment a filter register is implemented, enabling different pass functions on every two bit wide block.
Segments A through C (ID01) are located at ADR 8 with MSB ‘C11’
Segments D through F (ID23) are located at ADR 9 with MSB ‘F11’
Note, that clearing a complete segment disables the whole filter.
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
RTR
SEGA
SEGB
SEGC
SEGD
SEGE
SEGF
A00
A01
A10
A11
00
4/2
Demux
4/2
Demux
11
SOF
F11
F10
F01
F00
11
00
PASS
99AT0028
10 01 00
10 01 01
00 01 01
10 00 10
01 11 01
01 01 01
SEGA
SEGB
SEGC
Examples:
Identifiers to pass:
SEGA: A10, A00
0011
0010 ID01: 0011 0010 0101
0101
SEGB: B01
SEGC: C01, C00
SEGF: F10, F01
SEGD: D10, D01
SEGE: E11, E01, E00
1011 ID01: 0110 1011 0110
0011
0110
ID bits to be set
SEGF
SEGE
SEGD
Valid sequence
for each segment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com