Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4969 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Datasheet(HTML) 3 Page - STMicroelectronics

  L4969 Datasheet HTML 1Page - STMicroelectronics L4969 Datasheet HTML 2Page - STMicroelectronics L4969 Datasheet HTML 3Page - STMicroelectronics L4969 Datasheet HTML 4Page - STMicroelectronics L4969 Datasheet HTML 5Page - STMicroelectronics L4969 Datasheet HTML 6Page - STMicroelectronics L4969 Datasheet HTML 7Page - STMicroelectronics L4969 Datasheet HTML 8Page - STMicroelectronics L4969 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3/35
L4969
Table 3. Absolute Maximum Ratings
Notes: 1. All pins of the IC are protected against ESD. The verification is performed according to MIL 883C,
human body model with R = 1.5kW, C = 100pF and discharge voltage 2000V,
corresponding to a maximum discharge energy of 0.2mJ..
2. Voltage forced means voltage limited to the specified values while the current is not limited.
3. ESD Pulses on CAN-Pins up to 4KV HBM vs GND with all other Pins grounded.
Symbol
Parameter
Value
Unit
VVSDC
DC operating supply voltage
-0.3 ... +28
VVSDC
VVSTR
Transient operating supply voltage (T < 400ms)
-0.3 ... +40
VVSTR
IVOUT1...3
Output currents
Internally limited
IVOUT1...3
TSTG
Storage temperature
-65 ... +150
TSTG
TJ
Operating junction temperature
-40 ... +150
TJ
VOUT1
Externally forced output voltage OUT1
-0.3 ... VS+0.3, max +6.3
VOUT1
VOUT2
Externally forced output voltage OUT2
-0.3 ... VS+0.3
VOUT2
VOUT3
Externally forced output voltage OUT3
-0.3 ... VS+0.3, max +6.3
VOUT3
Vinli
Input voltage Logic inputs: SIN, SCLK, NRES
-0.3 ... +7
Vinli
VinliW
Input voltage WAKE
-0.3 ... VS+0.3
VinliW
Vcanh
Voltage CANH line 3
-28 ... +40
Vcanh
Vcanl
Voltage CANL line 3
-28 ... +40
Vcanl
Table 4. Electrical Characteristics
VS = 14V, Tj =-40°C to 150°C unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Supply Current
ISSL
All Regulators off
(CANH Standby
Timer off (Sleep #1)
30
40
60
µA
Timer on (Sleep #2)
70
90
135
µA
ISSLWK
V1 off, V2 off, V3 on
(CAN RX only)
RXonly
4
6
mA
ISSB
V1 only (CAN Standby)
Timer off (Standby #1)
150
250
µA
Timer on (Standby #2)
200
300
µA
Default (Standby #3)
440
600
µA
IS
All Regulators on,
(CAN active, TX high)
IOUT1 = -100mA
IOUT2 = -10mA
No CAN load.
120
150
mA
ISCP
Additional Oscillator- and
Chargepumpcurrent at low VS
VS = 6V; Timer Off
55
80
100
µA
VS = 6V; Timer On
10
30
50
µA
Voltage Regulator 1
V01
V1 output voltage
6V < VS < 28V
IO >-100mA
SO20 Package
4.9
5
5.1
V
6V < VS < 28V
IO >-150mA
PSO20 Package
4.9
5
5.1
V
VDP1
Dropout voltage 1@ VS=4.8V
IOUT1 = -10mA
0.0
0.025
0.06
V
IOUT1 = -100mA
SO20 Package
0.0
0.25
0.6
V
IOUT1 = -150mA
PSO20 Package
0.0
0.4
0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com