Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4969 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4969 Datasheet HTML 2Page - STMicroelectronics L4969 Datasheet HTML 3Page - STMicroelectronics L4969 Datasheet HTML 4Page - STMicroelectronics L4969 Datasheet HTML 5Page - STMicroelectronics L4969 Datasheet HTML 6Page - STMicroelectronics L4969 Datasheet HTML 7Page - STMicroelectronics L4969 Datasheet HTML 8Page - STMicroelectronics L4969 Datasheet HTML 9Page - STMicroelectronics L4969 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
L4969
6/35
VCANHr
CANH recessive output
voltage
TXD = V1
RRTH < 4K
0.35
V
VCANHd
CANH dominant output
voltage
TXD = 0
ICANH = 40mA
V3 -
1.4V
V
VCANLr
CANL recessive output
voltage
TXD = V1
RRTL < 4K
V3 -
0.2V
V
VCANLd
CANL dominant output
voltage
TXD = 0
ICANL = -40mA
1.4
V
ICANH
CANH dominant output
current
TXD = 0
VCANH = 0V
70
100
160
mA
ICANL
CANL dominant output
current
TXD = 0
VCANL = 14V
-70
-100
-160
mA
ILCANH
CANH Sleep mode
leakage current
Sleep mode. Tj=150°C
VCANH = 0V
0
µA
ILCANL
CANL Sleep mode
leakage current
Sleep mode. Tj=150°C
VCANL = 0V
VS = 12V
0
µA
VWakeH
CANH wakeup voltage
Sleep/
standby mode
1.2
1.9
2.7
V
VWakeL
CANL wakeup voltage
Sleep/
standby mode
2.4
3.1
3.8
V
Vcanhs
CANH single ended
receiver threshold
Normal mode.
-5V < CANL < VS
1.5
1.82
2.15
V
Vcanls
CANL single ended
receiver threshold
Normal mode.
-5V < CANH< VS
2.7
3.1
3.4
V
VOVH
CANH overvoltage
detection threshold
Normal mode.
-5V < CANL < VS
6.5
7.2
8.0
V
VOVL
CANL overvoltage
detection threshold
Normal mode.
-5V < CANH < VS
6.5
7.2
8.0
V
RTRTH
internal RTH to GND
termination resistance
Normal mode, No failures.
VRTH = 1V
30
45
80
W
ITRTHF
internal RTH to GND
termination current
Normal mode, Failure EIII
VRTH =V3 - 1V
55
75
100
µA
RTRTL
internal RTL to VCC
termination resistance
Normal mode, no failures.
VRT L =V3 - 1V
30
45
85
W
ITRTLF
internal RTL to VCC
termination current
Normal mode.
(failure EIV, EVI, EVII)
VRTL =V3 - 1V
-6
-40
-70
µA
RTRTLS
internal RTL to VS
termination resistance
No failures.
Standby/sleep mode.
VRTL =1V, 4V
8
13.0
26
K
Ω
Digital I/O
VSINL
Low level input voltage
0
0.9
V
VSINH
High level input voltage
V1 - 0.9
V1
V
VSCLKL
Low level input voltage
0
0.9
V
Table 4. Electrical Characteristics (continued)
VS = 14V, Tj =-40°C to 150°C unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com