Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4969 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L4969 Datasheet HTML 17Page - STMicroelectronics L4969 Datasheet HTML 18Page - STMicroelectronics L4969 Datasheet HTML 19Page - STMicroelectronics L4969 Datasheet HTML 20Page - STMicroelectronics L4969 Datasheet HTML 21Page - STMicroelectronics L4969 Datasheet HTML 22Page - STMicroelectronics L4969 Datasheet HTML 23Page - STMicroelectronics L4969 Datasheet HTML 24Page - STMicroelectronics L4969 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21/35
L4969
2.3
ADR 2: GPTR Global Parameter and Test Register
Figure 13.
2.4
ADR 3: RCADJ RC-Oscillator Adjust register
Figure 14.
During normal operation the
µC can set CG1 and CG0 to ‘01’ to force a 200Hz rectangular waveform on NINT
with 50% duty cycle. Note, that all other pending interrupts have to be cleared before.
After the XTAL driven timer of the
µC calculated the relative cycle time and the corresponding deviation,
CG1 and CG0 have to be set to ‘10’ to disable the adjustment cycle on NINT. From the deviation calculated by
the
µC, the correction factor of the RC-oscillator -15% to + 16% can be reprogrammed with CG1 and CG0 set
to ‘00’ or ‘11’. (‘11’ can be used to indicate that calibration has already been performed).
Note, that overwriting this register is only valid, if the cycle measurement was started and terminated properly.
This can be tested by evaluating PGEN either prior to or during correction (Read back via SOUT).
Note also, that any write to the WDC register will reset the timer and thus reset the phase of the testcycle. There-
fore a cyclic access to the window watchdog during the pulsewidth measurement has to be avoided and the
timer watchdog to be used instead (i.e. 1sec)
RES
RES
RES
RES
D7
D0
TM1
TM0
TMUX
TEN
This register is to be used for testpurpose only, all bits have to remain ‘zero’
CG1
CG0
PGEN
ADJ4
ADJ3
ADJ2
ADJ1
ADJ0
D7
D0
00: No request (Adjustment disabled)
01: 2.5ms low cycle on NINT (repetitive)
10: Finish cycle measurement
11: No request (Adjustment disabled)
Test cycle request
A low pulse on NINT
for a fixed period
of time can be requested
for XTAL synchronization
Program enable (read only)
Bit will be set after 'Finish cycle measurement',
and reset after register write
1: +16%
0: 0%
0: 0%
1: -8%
0: 0%
1: -4%
0: 0%
1: -2%
0: 0%
1: -1%
RC Oscillator
Frequency Adjust
default value 10000
Note, that programming
is only enabled with PGEN set
99AT0022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com