Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4969 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L4969 Datasheet HTML 19Page - STMicroelectronics L4969 Datasheet HTML 20Page - STMicroelectronics L4969 Datasheet HTML 21Page - STMicroelectronics L4969 Datasheet HTML 22Page - STMicroelectronics L4969 Datasheet HTML 23Page - STMicroelectronics L4969 Datasheet HTML 24Page - STMicroelectronics L4969 Datasheet HTML 25Page - STMicroelectronics L4969 Datasheet HTML 26Page - STMicroelectronics L4969 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
23/35
L4969
Figure 17.
After power-on-reset of VS and V1 or wakeup from Sleep or NRESET being forced low externally, the Startup
Watchdog is active, supervising the proper startup of the V1 supplied uC. Upon missing SPI write operation to
the WDC register after 7 reset cycles (1ms active, 320ms high) the Sleep mode is entered.
Leaving the forced Sleep mode will be automatically performed upon wakeup via CAN, an edge on WAKE or
upon device powerup.
After successful startup, the Window Watchdog supervision is activated, meaning, that the uC has to send an
acknowledge within a predefined, programmable window.
Upon failure, a reset is generated and the Startup Watchdog is reactivated.
If the Timer function is requested, the window watchdog is deactivated until expiry of the wakeup time, or rewrit-
ing of this register. Note, that any write to this register will reset the timer.
2.5.2 Startup
Figure 18.
After powerup, the L4969 is expecting the uC to send an acknowledgement within a predefined segmented tim-
ing frame of 7 x 320ms. A missing acknowledgement until after the 2.3s will force the device into sleep mode
until either external or CAN wakeup or POR cause a restart of the sequence above.
2.5.3 Window Watchdog
Startup
Window
Wakeup
Forced
Sleep
Wd
Wd
Ack
Ack
missing
Ack
Timer
WR & WDEN
Timeout
missing Ack
(after 350ms)
ExtWake
CAN-Wake
POR
Prog
Sleep
Wakeup
NRESET
forced low
externally
WR
Note: WR, writing to this address, will restart the timer
V1
NRESET
NRESET
NRESET
Startup Acknowledgement via SPI within 320ms
Startup Acknowledgement via SPI within 640ms
No Startup Acknowledgement via SPI within 2.3s (Device will enter Sleep mode)
1ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com