Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4969 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Datasheet(HTML) 2 Page - STMicroelectronics

  L4969 Datasheet HTML 1Page - STMicroelectronics L4969 Datasheet HTML 2Page - STMicroelectronics L4969 Datasheet HTML 3Page - STMicroelectronics L4969 Datasheet HTML 4Page - STMicroelectronics L4969 Datasheet HTML 5Page - STMicroelectronics L4969 Datasheet HTML 6Page - STMicroelectronics L4969 Datasheet HTML 7Page - STMicroelectronics L4969 Datasheet HTML 8Page - STMicroelectronics L4969 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
L4969
2/35
Figure 2. Pin Connection
Table 1. Pin Functions
Table 2. Thermal Data
Note: 1. Typical value soldered on a PC board with 8 cm2 copper ground plane (35
µm thick).
Pin No. (PSO20)
Pin No. (SO20)
Pin Name
Function
1, 10, 11, 20
5,6, 15, 16
GND
Power Ground
2
7
V1
Microcontroller Supply Voltage
3
8
V2
Peripheral Supply Voltage
4
9
V3
Internal CAN Supply
5
10
VS
Power Supply
6
11
CANH
CANH Line Driver Output
7
12
RTL
CANL Termination Source
8
13
CANL
CANL Line Driver Output
9
14
RTH
CANH Termination Source
12
17
RXD
Act. Low CAN Receive Dominant Data Output
13
18
TXD
Act. Low CAN Transmit Dominant Data Input
14
19
SOUT
Serial Data Output
15
20
SIN
Serial Data Input
16
1
SCLK
Serial Clock
17
2
NRES
Act. Low Reset Output
18
3
NINT
Act. Low Interrupt Request
19
4
WAKE
Dual Edge Triggerable Wakeup Input
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal resistance junction-ambient
401)
°C/W
Rthj-case
Thermal resistance junction-case
3
°C/W
NINT
WAKE
GND
GND
V1
V2
V3
VS
CANH
RTL
CANL
RTH
RX
GND
GND
TX
SOUT
SIN
SCLK
NRES
SO20
GND
V1
V2
V3
VS
CANH
RTL
CANL
RTH
GND
GND
WAKE
NINT
NRES
SCLK
SIN
SOUT
TXD
RXD
GND
PSO20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com