Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L497 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L497
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L497 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L497 Datasheet HTML 3Page - STMicroelectronics L497 Datasheet HTML 4Page - STMicroelectronics L497 Datasheet HTML 5Page - STMicroelectronics L497 Datasheet HTML 6Page - STMicroelectronics L497 Datasheet HTML 7Page - STMicroelectronics L497 Datasheet HTML 8Page - STMicroelectronics L497 Datasheet HTML 9Page - STMicroelectronics L497 Datasheet HTML 10Page - STMicroelectronics L497 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
OTHER APPLICATION NOTES
DUMP PROTECTION
Load dump protection must be implemented by an
external zener if this function is necessary. In fig. 4
DZ2 protects the driver stage, the connection be-
tween pin 6 and 7 protects the output transistor of
pin 6. MoreoverDZ1 protectsboth the power supply
input (pin 3) and Hall-effect sensor.
Resistor R4 is necessary to limit DZ1 current during
load dump.
OVERVOLTAGE LIMITATION
The external darlington collector voltage is sensed
by the voltage divider R2,R3. The voltage limitation
increases rising R2 or decreasing R3.
Due to the active circuit used, an Ro Co series net-
work is mandatory for stability during the high vol-
tage condition.
Ro Co values depend on the darlington used in the
application.
Moreover the resistor R13 is suggested to limit the
overvoltage even when supply voltage is discon-
nected during the high voltage condition.
REVERSE BATTERY PROTECTION
Due to the presence of external impedanceat pin 6,
3, 16, 15 L497 is protected against reverse battery
voltage.
NEGATIVE SPIKE PROTECTION
If correct operation is requested also during short
negativespikes,the diode DS and capacitorCs must
be used.
Figure 4 : Application Circuit.
L497
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com