Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L497 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L497
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L497 Datasheet(HTML) 4 Page - STMicroelectronics

  L497 Datasheet HTML 1Page - STMicroelectronics L497 Datasheet HTML 2Page - STMicroelectronics L497 Datasheet HTML 3Page - STMicroelectronics L497 Datasheet HTML 4Page - STMicroelectronics L497 Datasheet HTML 5Page - STMicroelectronics L497 Datasheet HTML 6Page - STMicroelectronics L497 Datasheet HTML 7Page - STMicroelectronics L497 Datasheet HTML 8Page - STMicroelectronics L497 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PIN FUNCTIONS (continued)
N
°
Name
Function
14
DRIVER EMITT ER
OUTPUT
Current Driver for the External Darlington. To ensure stability and precision
of Tdesat Cc and R9 must be used. Recommended value for R9 is 2 K
Ω in
order not to change the open loop gain of the system.
Rc may be added to Cc to obtain greater flexibility in various application
situations.
Cc and Rc values ranges are 1 to 100 nF and 5 to 30 K
Ω depending on the
external darlington type.
15
OVERVOLTAGE LIMIT
The darlington is protected against overvoltage by means of an internal
zener available at this pin and connected to pin 14. The internal divider
R3/R2 defines the limitation value given by :
Vovp
= 
22.5
R3
+ 5.10−3 
R2
+ 22.5
16
DRIVER COLLECTOR
INPUT
The collector current of the internal driver which drives the external
darlington is supplied through this pin. Then the external resistor R6 limits
the maximum current supplied to the base of the external darlington.
ELECTRICAL CHARACTERISTICS (VS = 14.4 V, – 40
°C< Tj < 125 °C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V3
Min Op. Voltage
3.5
V
I3
Supply Current
V3 =6 V
V3 =4 V
5
7
18
25
13
mA
mA
VS
Voltage Supply
28
V
VZ3
Supply Clamping Zener Voltage
IZ3 = 70 mA
6.8
7.5
8.2
V
V5
Input Voltage
Low Status
High Status
2.5
0.6
V
V
I5
Input Current
V5 = LOW
– 400
– 50
µA
V16–14
Darlington Driver Sat. Current
I14 =50 mA
I14 = 180 mA
0.5
0.9
V
V
VSENS
Current Limit. Sensing Voltage
VS = 6 to 16 V
260
320
370
mV
I11C
CW Charge Current
VS = 5.3 to 16V
V11 = 0.5V
T = 10 to 33ms
– 11.0
– 9.3
– 7.8
µA
I11D
CW Charge Current
VS = 5.3 to 16V
V11 = 0.5V
T = 10 to 33ms
0.5
0.7
1.0
µA
I11C /I11D
VS = 5.3 to 16V
V11 = 0.5V
T = 10 to 33ms
See Note 1
7.8
22.0
ISRC
ISENSE
Percentage of Output Current
Determining the Slow Recovery
Control Start (fig. 2), note 1
90
94
98.5
%
TSRC
Duration of Altered Small Contr.
Ratio after SRC Function Start
(fig. 2)
CSRC =1
µF
R7 =62 K
Ω
0.8
s
VZ15
External Darlington over V Prot.
Zener Voltage
I15 =5 mA
I15 =2 mA
19
18
22.5
21.5
26
25
V
V
TP
Permanent Conduction Time
V5 = High
CP =1
µF
R7 = 62K
Ω
0.4
1.1
1.8
s
L497
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com