Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L497 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L497
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L497 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L497 Datasheet HTML 2Page - STMicroelectronics L497 Datasheet HTML 3Page - STMicroelectronics L497 Datasheet HTML 4Page - STMicroelectronics L497 Datasheet HTML 5Page - STMicroelectronics L497 Datasheet HTML 6Page - STMicroelectronics L497 Datasheet HTML 7Page - STMicroelectronics L497 Datasheet HTML 8Page - STMicroelectronics L497 Datasheet HTML 9Page - STMicroelectronics L497 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DWELL ANGLE CONTROL
The dwell angle control circuit calculates the con-
duction time D for the output transistor in relation to
the speed of rotation, to the supply voltage and to
the characteristics of the coil.
On the negative edge of the Hall-effect input signal
the capacitorCW beginsdischargingwith a constant
current l11D. When the set peak value of the coil cur-
rent is reached, this capacitor charges with a con-
stant current I11C = 13.3 x I11D, and the coil current
is kept constant by desaturationof the driven stage
and the external darlington.
The capacitor CT starts charging on the posi-
tive.edge of the Hall-effect input signal with a con-
stant current I10C. The dwell angle, and conse-
quently the starting point of the coil current conduc-
tion, is decided by the comparison between V10 and
V11.
A positive hysteresis is added to the dwell compa-
rator to avoid spurious effects and CT is rapidly dis-
charged on the negative edge of Hall-effects input
signal.
In this way the average voltage on CW increases if
the motor speed decreases and viceversa in order
to maintainconstantthe ratio
td
T
at any motor speed.
td
T
is kept constant (and not
D
T
= cost) to control
the power dissipation and to have sufficient time to
avoid low energy sparks during acceleration.
DESATURATION TIMES IN STATIC
CONDITIONS
In static conditions and if CT =CW as recommended
and if the values of the application circuit of fig.4 are
used.
td
T
=
1
1
+ I11C /I11D
DESATURATION TIMES IN LOW AND HIGH
FREQUENCY OPERATION
Due to the upperlimit of the voltage range of pin 11,
if the components of fig.4 are used, below 10 Hz
(300 RPM for a 4 cylinder engine) the OFF time
reachesits maximum value (about 50 ms) and then
the circuit gradually loses control of the dwell angle
because D = T – 50 ms.
Over 200 Hz (6000 RPM for a 4 cylinder engine) the
availabletime for the conductionis less than 3.5 ms.
If the used coil is 6 mH, 6A, the OFF time is reduced
to zero and the circuit loses the dwell angle control.
TRANSIENT RESPONSE
The ignition system must deliver constant energy
even during the conditionof acceleration and decel-
erationof the motor below 80Hz/s.Theseconditions
can be simulated by means of a signal gene-rator
with a linearly modulated frequency between 1 Hz
and 200 Hz (this corresponds to a change between
30 and 6000 RPM for a 4 cylinders engine).
CURRENT LIMIT
The currentin thecoil is monitored by measuring the
Isense current flowing in the sensing resistor Rs on
the emitter of the external darlington. Isense is given
by :
Isense =Icoil +I14
When the voltage drop across Rs reaches the inter-
nal comparator thresholdvalue the feedbackloop is
activated and Isense kept constant (fig.1) forcing the
external darlington in the active region. In this con-
dition :
Isense =Icoil
When a precisepeak coil current is required Rs must
be trimmed or an auxiliary resistor divider (R10,R11)
added :
Ic p eak
(A)=
0.320
RS
)
⋅ 
R10
R11
+ 1
SLOW RECOVERY CONTROL (fig. 2)
If Isense has not reached 94 % of the nominal value
just before the negativeedge of the Hall-effect input
signal, the capacitor Csrc and CW are quickly dis-
charged as long as the pick-up signal is ”low”. At the
next positive transition of the input signal the load
current starts immediately, producing the maximum
achievable Tdesat; then the voltage on CSRC in-
creases linearly until the standby is reached.During
this recovery time the CSRC voltageis convertedinto
a current which, substrated from the charging cur-
rent of the dwell capacitor, produces a Tdesat modu-
lation. This means that the Tdesat decreases slowly
until its value reaches,after a time TSRC, thenominal
7% value.
The time TSRC is given by:
Trsc = 12.9 R7 CSRC (ms)
where R7 is the biasing resistor at pin 12 (in K
Ω)and
Csrc the capacitor at pin 8 (in
µF).
L497
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com