Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L497 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L497
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L497 Datasheet(HTML) 5 Page - STMicroelectronics

  L497 Datasheet HTML 1Page - STMicroelectronics L497 Datasheet HTML 2Page - STMicroelectronics L497 Datasheet HTML 3Page - STMicroelectronics L497 Datasheet HTML 4Page - STMicroelectronics L497 Datasheet HTML 5Page - STMicroelectronics L497 Datasheet HTML 6Page - STMicroelectronics L497 Datasheet HTML 7Page - STMicroelectronics L497 Datasheet HTML 8Page - STMicroelectronics L497 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V6SAT
RPM Output Saturation Voltage
I6 = 18.5 mA
I6 =25 mA
0.5
0.8
V
V
I6 leak
RPM Output Leakage Current
VS =20 V
50
µA
VZ7
Auxiliary Zener Voltage
I7 =20 mA
19
27
V
V12
Reference Voltage
1.20
1.25
1.30
V
Figure 1 : Main Waveforms.
APPLICATION INFORMATION
Notes : 1.
2.
td/t desaturation ratio is given by:
td
T
=
1
1
+ I11C ⁄ I11D
Isense =Icoil when the external Darlington is in the active region.
L497
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com