Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L497 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L497
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L497 Datasheet(HTML) 1 Page - STMicroelectronics

  L497 Datasheet HTML 1Page - STMicroelectronics L497 Datasheet HTML 2Page - STMicroelectronics L497 Datasheet HTML 3Page - STMicroelectronics L497 Datasheet HTML 4Page - STMicroelectronics L497 Datasheet HTML 5Page - STMicroelectronics L497 Datasheet HTML 6Page - STMicroelectronics L497 Datasheet HTML 7Page - STMicroelectronics L497 Datasheet HTML 8Page - STMicroelectronics L497 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
L497
March 1998
HALL EFFECT PICKUP IGNITION CONTROLLER
.
DIRECT
DRIVING
OF
THE
EXTERNAL
POWER DARLINGTON
.
COIL CURRENT CHARGING ANGLE (dwell)
CONTROL
.
PROGRAMME COIL CURRENT PEAK LIMITA-
TION
.
PROGRAMMABLE DWELL RECOVERY TIME
WHEN 94 % NOMINAL CURRENT NOT
REACHED
.
RPM OUTPUT
.
PERMANENT CONDUCTION PROTECTION
.
OVERVOLTAGE PROTECTION FOR EXTER-
NAL DARLINGTON
.
INTERNAL SUPPLY ZENER
.
REVERSE BATTERY PROTECTION
DESCRIPTION
The L497 is an integratedelectronic ignition control-
ler for breakerless ignition systems using Hall effect
sensors.
ORDERING NUMBERS : L497B (DIP16)
L497D1 (SO16)
DIP16
SO16
The device drives an NPN external darlington to
control the coil current providingthe required stored
energy with low dissipation.
A special feature of the L497 is the programmable
time for the recovery of the correct dwell ratio Td/T
when the coil peak current fails to reach 94 % of the
nominal value. In this way only one spark may have
an energy less than 94 % of the nominal one during
fast acceleration or cold starts.
BLOCK DIAGRAM
1/11


Similar Part No. - L497

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4970 STMICROELECTRONICS-L4970 Datasheet
399Kb / 21P
10A SWITCHING REGULATOR
Jun-2000
L4970A STMICROELECTRONICS-L4970A Datasheet
399Kb / 21P
10A SWITCHING REGULATOR
Jun-2000
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L4971 STMICROELECTRONICS-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
L4971 STMICROELECTRONICS-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
Rev. 11
More results

Similar Description - L497

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L482 STMICROELECTRONICS-L482 Datasheet
169Kb / 11P
HALL.EFFECT PICKUP IGNITION CONTROLLER
Nov-1991
L484 STMICROELECTRONICS-L484 Datasheet
442Kb / 11P
MAGNETIC PICKUP IGNITION CONTROLLER
Sep-2003
logo
Cherry Semiconductor Co...
CS290 CHERRY-CS290 Datasheet
110Kb / 4P
Ignition Controller
Rev. 3/8/99
logo
List of Unclassifed Man...
AH284 ETC-AH284 Datasheet
271Kb / 9P
Hall-Effect Smart Fan Motor Controller
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
AH286 ANACHIP-AH286 Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Unisonic Technologies
UL497 UTC-UL497 Datasheet
198Kb / 8P
HALL EFFECT PICKUP IGNITION CONTROLLER
UL497 UTC-UL497_15 Datasheet
198Kb / 8P
HALL EFFECT PICKUP IGNITION CONTROLLER
logo
Mallory performance clu...
PN2348 MALLORY-PN2348 Datasheet
97Kb / 2P
MSD Hall-Effect Pickup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com