Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L497 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L497
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L497 Datasheet(HTML) 3 Page - STMicroelectronics

  L497 Datasheet HTML 1Page - STMicroelectronics L497 Datasheet HTML 2Page - STMicroelectronics L497 Datasheet HTML 3Page - STMicroelectronics L497 Datasheet HTML 4Page - STMicroelectronics L497 Datasheet HTML 5Page - STMicroelectronics L497 Datasheet HTML 6Page - STMicroelectronics L497 Datasheet HTML 7Page - STMicroelectronics L497 Datasheet HTML 8Page - STMicroelectronics L497 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PIN FUNCTIONS (refer to fig. 4)
N
°
Name
Function
1
GND
This pin must be connected to ground.
2
SIGNAL GND
This pin must be connected to ground.
3
POWER SUPPLY
Supply Voltage Input. An internal 7.5 V (typ) zener zener limits the voltage
at this pin. The external resistor R5 limits the current through the zener for
high supply voltages.
4
N.C.
This pin must be connected to ground or left open.
5
HALL-EFFECT INPUT
Hall-effect Pickup Signal Input. This input is dwell control circuit output in
order to enable the current driving into the coil. The spark occurs at the
high-to-low transition of the hall-effect pickup signal.
Furthermore this input signal enables the slow recovery and permanent
conduction protection circuits. The input signal, supplied by the open
collector output stage of the Hall effect sensor, has a duty-cycle typically
about 70 %. V5 is internally clamped to V3 and ground by diodes
6
RPM OUTPUT
Open collector output which is at a low level when current flows in the
ignition coil. For high voltages protection of this output, connection to the
pin 7 zener is recommended.
In this situation R8 must limit the zener current, too, and R1 limits pin 6
current if RPM module pad is accidentally connected to VS.
7
AUX. ZENER
A 21 V (typ) General Purpose Zener. Its current must be limited by an
external resistor.
8
RECOVERY TIME
A capacitor connected between this pin and ground sets the slope of the
dwell time variation as it rises from zero to the correct value. This occurs
after the detection of Icoll
≤ 94 % Inom, just before the low transition of the
hall-effect signal pulse.
The duration of the slow recovery is given by :
tsrc = 12,9 R7 Csrc (ms)
where R7 is the biasing resistor at pin 12 (in K
Ω) and Csrc is the delay
capacitor at pin 8 (in
µF).
9
MAX CONDUCTION
TIME
A capacitor connected between this pin and ground determines the
intervention delay of the permanent conduction protection. After this delay
time the coil current is slowly reduced to zero.
Delay Time Tp is given by :
Tp =16 Cp R7 (ms)
where R7 is the biasing resistor at pin 12 (in K
Ω) and CP is the delay
capacitor at pin 9 (in
µF).
10
DWELL CONTROL
TIMER
A capacitor CT connected between this pin and ground is charged when the
HAll effect output is High and is discharged at the High to Low transition of
the Hall effect signal.
The recommended value is 100 nF using a 62 K
Ω resistor at pin 12.
11
DWELL CONTROL
The average voltage on the capacitor CW connected between this pin and
ground depends on the motor speed and the voltage supply. The
comparison between VCW and VCT voltage determines the timing for the
dwell control. For the optimized operation of the device CT =CW; the
recommended value is 100 nF using a 62 K
Ω resistor at pin 12.
12
BIAS CURRENT
A resistor connected between this pin and ground sets the internal current
used to drive the external capacitors of the dwell control
(pin 10 and 11) permanent conduction protection (pin 9) and slow recovery
time (pin 8). The recommended value is 62 K
Ω.
13
CURRENT SENSING
Connection for the Coil Current Limitation. The current is measured on the
sensing resitor RS and taken through the divider R10/R11. The current
limitation value is given by :
Isens
= 0.32
R10
+ R11
RS
⋅ R11
L497
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com