Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L497 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L497
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L497 Datasheet(HTML) 2 Page - STMicroelectronics

  L497 Datasheet HTML 1Page - STMicroelectronics L497 Datasheet HTML 2Page - STMicroelectronics L497 Datasheet HTML 3Page - STMicroelectronics L497 Datasheet HTML 4Page - STMicroelectronics L497 Datasheet HTML 5Page - STMicroelectronics L497 Datasheet HTML 6Page - STMicroelectronics L497 Datasheet HTML 7Page - STMicroelectronics L497 Datasheet HTML 8Page - STMicroelectronics L497 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
I3
D.C. Supply current
Transient Supply Current (tf fall time constant = 100ms)
200
800
mA
mA
V3
Supply Voltage
Int. Limited to Vz3
V6
RPM Voltage
28
V
I16
D.C. Driver Collector Current
Pulse ”
”(t <= 3ms)
300
600
mA
mA
V16
Driver Collector Voltage
28
V
I7
Auxiliary Zener Current
40
mA
I15
D.C. Overvoltage Zener Current
Pulse ”
” t fall = 300
µs,
trep Repetition Time > = 3ms
15
35
mA
mA
VR
Reverse Battery Voltage if Application Circuit of Fig. 4 is used
– 16
V
Tj,Tstg
Junction and StorageTemperature Range
– 55 to 150
°C
Ptot
Power Dissipation
at Taluminia =90
°C for SO-16
Tamb =90
°C for DIP-16
1.2
0.65
W
W
PIN CONNECTION (top view)
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Rth j-alumin (*)
Thermal Resistance Junction-ambient for DIP-16
Thermal Resistance Junction-alumina for SO-16
Max
Max
90
50
°C/W
°C/W
(* ) Thermal resistance ju nction-aluminia wi th the device soldered on the mi ddle of an aluminia supporting substrate mesuri ng
15 x 20 ; 0.65 mm thickness.
L497
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com