Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD605BRZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD605BRZ-R7
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605BRZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD605BRZ-R7 Datasheet HTML 2Page - Analog Devices AD605BRZ-R7 Datasheet HTML 3Page - Analog Devices AD605BRZ-R7 Datasheet HTML 4Page - Analog Devices AD605BRZ-R7 Datasheet HTML 5Page - Analog Devices AD605BRZ-R7 Datasheet HTML 6Page - Analog Devices AD605BRZ-R7 Datasheet HTML 7Page - Analog Devices AD605BRZ-R7 Datasheet HTML 8Page - Analog Devices AD605BRZ-R7 Datasheet HTML 9Page - Analog Devices AD605BRZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD605
Rev. E | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD605
VGN1
VPOS
FBK1
OUT1
VREF
–IN1
+IN1
GND1
OUT2
FBK2
VPOS
GND2
+IN2
–IN2
VGN2
VOCM
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VGN1
CH1 Gain-Control Input and Power-Down Pin. If grounded, device is off; otherwise, positive voltage increases gain.
2
−IN1
CH1 Negative Input.
3
+IN1
CH1 Positive Input.
4
GND1
Ground.
5
GND2
Ground.
6
+IN2
CH2 Positive Input.
7
−IN2
CH2 Negative Input.
8
VGN2
CH2 Gain-Control Input and Power-Down Pin. If grounded, device is off; otherwise, positive voltage increases gain.
9
VOCM
Input to This Pin Defines Common-Mode Voltage for OUT1 and OUT2.
10
OUT2
CH2 Output.
11
FBK2
Feedback Pin That Selects Gain Range of CH2.
12
VPOS
Positive Supply.
13
VPOS
Positive Supply.
14
FBK1
Feedback Pin That Selects Gain Range of CH1.
15
OUT1
CH1 Output.
16
VREF
Input to This Pin Sets Gain Scaling for Both Channels: 2.5 V = 20 dB/V and 1.67 V = 30 dB/V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com