Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD605BRZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD605BRZ-R7
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605BRZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD605BRZ-R7 Datasheet HTML 11Page - Analog Devices AD605BRZ-R7 Datasheet HTML 12Page - Analog Devices AD605BRZ-R7 Datasheet HTML 13Page - Analog Devices AD605BRZ-R7 Datasheet HTML 14Page - Analog Devices AD605BRZ-R7 Datasheet HTML 15Page - Analog Devices AD605BRZ-R7 Datasheet HTML 16Page - Analog Devices AD605BRZ-R7 Datasheet HTML 17Page - Analog Devices AD605BRZ-R7 Datasheet HTML 18Page - Analog Devices AD605BRZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD605
Rev. E | Page 15 of 20
35
30
25
20
15
10
5
0
–5
–10
–15
–20
40dB/V
30dB/V
20dB/V
LINEAR-IN-dB RANGE
OF AD605
1.0
0.5
1.5
2.0
2.5
3.0
GAIN CONTROL VOLTAGE
Figure 37. Ideal Gain Curves vs. VREF
Usable gain control voltage ranges are 0.1 V to 2.9 V for the
20 dB/V scale and 0.1 V to 1.45 V for the 40 dB/V scale. VGN
voltages of less than 0.1 V are not used for gain control because
below 50 mV the channel is powered down. This can be used to
conserve power and at the same time gate-off the signal. The
supply current for a powered-down channel is 1.9 mA, and the
response time to power the device on or off is less than 1 μs.
FIXED GAIN AMPLIFIER AND INTERPOLATOR
CIRCUITS—APPLYING AN ACTIVE FEEDBACK
AMPLIFIER
A typical X-amp architecture is powered by a dual polarity
power supply. Because the AD605 operates from a single-
supply, a supply-common equal to half the value of the supply
voltage is required. An active feedback amplifier (AFA) is used
to provide a differential input and to implement the feedback
loop. The AFA in the AD605 is an op amp with two gm stages,
one is used in the feedback path and the other is used as a
highly linear differential input.
A multisection distributed gm stage senses the voltages on the
ladder network, one stage for each of the ladder nodes. Only a
few of the stages are active at any time and are dependent on the
gain control voltage.
The AFA makes a differential input structure possible because
one of its inputs (G1) is fully differential; this input is made
up of a distributed gm stage. The second input (G2) is used for
feedback. The output of G1 is some function of the voltages
sensed on the attenuator taps that is applied to a high-gain
amplifier (A0). Because of negative feedback, the differential
input to the high gain amplifier is zero; this in turn implies that
the differential input voltage to G2 times gm2 (the transconductance
of G2) is equal to the differential input voltage to G1 times gm1
(the transconductance of G1). Therefore, the overall gain
function of the AFA is
R2
R2
R1
g
g
V
V
m
m
ATTEN
OUT
×
×
=
2
1
(7)
where:
VOUT is the output voltage.
VATTEN is the effective voltage sensed on the attenuator.
(
R1 + R2)/R2 = 42.
gm1/gm2 = 1.25; the overall gain is therefore 52.5 (34.4 dB).
The AFA has additional features: inverting the output signal by
switching the positive and negative input to the ladder network;
the possibility of using the −IN input as a second signal input;
and independent control of the DSX common-mode voltage.
Under normal operating conditions, it is best to connect a
decoupling capacitor to Pin VOCM, in which case, the common-
mode voltage of the DSX is half of the supply voltage; this allows
for maximum signal swing. Nevertheless, the common-mode
voltage can be shifted up or down by directly applying a voltage
to VOCM. It can also be used as another signal input, the only
limitation being the rather low slew rate of the VOCM buffer.
If the dc level of the output signal is not critical, another
coupling capacitor is normally used at the output of the DSX;
again, this is done for level shifting and to eliminate any dc
offsets contributed by the DSX (see the AC Coupling section).
The gain range of the DSX is programmable by a resistor
connected between Pin FBK and Pin OUT. The possible ranges
are −14 dB to +34.4 dB when the pins are shorted together
or 0 dB to +48.4 dB when FBK is left open. Note that for the
higher gain range, the bandwidth of the amplifier is reduced by
a factor of five to about 8 MHz because the gain increased by
14 dB. This is the case for any constant gain bandwidth product
amplifier that includes the active feedback amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com