Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD605BRZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD605BRZ-R7
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605BRZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD605BRZ-R7 Datasheet HTML 5Page - Analog Devices AD605BRZ-R7 Datasheet HTML 6Page - Analog Devices AD605BRZ-R7 Datasheet HTML 7Page - Analog Devices AD605BRZ-R7 Datasheet HTML 8Page - Analog Devices AD605BRZ-R7 Datasheet HTML 9Page - Analog Devices AD605BRZ-R7 Datasheet HTML 10Page - Analog Devices AD605BRZ-R7 Datasheet HTML 11Page - Analog Devices AD605BRZ-R7 Datasheet HTML 12Page - Analog Devices AD605BRZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD605
Rev. E | Page 9 of 20
VGN (V)
1000
100
1
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
10
Figure 15. Input Referred Noise vs. VGN
TEMPERATURE (°C)
2.00
1.75
1.60
1.95
1.80
1.70
1.65
1.90
1.85
VGN = 2.9V
–40
–20
–30
–10
0
20
10
40
60
50
30
80
70
90
Figure 16. Input Referred Noise vs. Temperature
FREQUENCY (Hz)
1.90
1.85
1.60
1.80
1.75
1.70
1.65
VGN = 2.9V
100k
1M
10M
Figure 17. Input Referred Noise vs. Frequency
RSOURCE (Ω)
1k
10
1100
VGN = 2.9V
RSOURCE ALONE
100
10
1.0
0.1
Figure 18. Input Referred Noise vs. RSOURCE
30
25
5
1k
1
100
10
15
10
20
VGN = 2.9V
RSOURCE (Ω)
Figure 19. Noise Figure vs. RSOURCE
VGN (V)
60
50
40
30
20
10
0
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
RS = 50Ω
Figure 20. Noise Figure vs. VGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com