Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD605BRZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD605BRZ-R7
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605BRZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD605BRZ-R7 Datasheet HTML 6Page - Analog Devices AD605BRZ-R7 Datasheet HTML 7Page - Analog Devices AD605BRZ-R7 Datasheet HTML 8Page - Analog Devices AD605BRZ-R7 Datasheet HTML 9Page - Analog Devices AD605BRZ-R7 Datasheet HTML 10Page - Analog Devices AD605BRZ-R7 Datasheet HTML 11Page - Analog Devices AD605BRZ-R7 Datasheet HTML 12Page - Analog Devices AD605BRZ-R7 Datasheet HTML 13Page - Analog Devices AD605BRZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD605
Rev. E | Page 10 of 20
FREQUENCY (Hz)
–30
–35
–70
–50
–55
–65
–60
–40
–45
HD2
HD3
100k
1M
10M
100M
VOUT = 1V p-p
VGN = 1.0V
Figure 21. Harmonic Distortion vs. Frequency
VGN (V)
–35
–75
–55
–60
–65
–70
–40
–50
–45
HD3
(10MHz)
HD2
(10MHz)
HD2
(1MHz)
HD3
(1MHz)
0.5
1.1
1.4
0.8
1.7
2.0
2.3
2.6
2.9
Figure 22. Harmonic Distortion vs. VGN at 1 MHz and 10 MHz
FREQUENCY (MHz)
–20
–90
–120
–30
–80
–100
–110
–60
–70
–40
–50
9.92
9.96
10.00
10.02
10.04
f = 10MHz
VOUT = 1V p-p
VGN = 1.0V
Figure 23. Intermodulation Distortion
15
–20
10
0
–5
–10
–15
5
FREQ = 10MHz
FREQ = 1MHz
INPUT GENERATOR
LIMIT = 21dBm
VGN (V)
0.1
2.9
2.5
2.1
1.7
1.3
0.9
0.5
Figure 24. 1 dB Compression vs. VGN
35
–5
30
15
10
5
0
25
20
VOUT = 1V p-p
f = 1MHz
f = 10MHz
VGN (V)
0.6
1.0
1.4
1.8
2.2
2.6
3.0
Figure 25. Third-Order Intercept vs. VGN at 1 MHz and 10 MHz
100ns/DIV
VOUT = 2V p-p
VGN = 1.5V
2V
2V
253ns
1.253µs
TRIG'D
Figure 26. Large Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com