Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD605BRZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD605BRZ-R7
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605BRZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD605BRZ-R7 Datasheet HTML 4Page - Analog Devices AD605BRZ-R7 Datasheet HTML 5Page - Analog Devices AD605BRZ-R7 Datasheet HTML 6Page - Analog Devices AD605BRZ-R7 Datasheet HTML 7Page - Analog Devices AD605BRZ-R7 Datasheet HTML 8Page - Analog Devices AD605BRZ-R7 Datasheet HTML 9Page - Analog Devices AD605BRZ-R7 Datasheet HTML 10Page - Analog Devices AD605BRZ-R7 Datasheet HTML 11Page - Analog Devices AD605BRZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD605
Rev. E | Page 8 of 20
VGN (V)
2.0
1.0
1.5
0.5
0
–0.5
–1.0
–1.5
–2.0
0.2
0.7
1.7
1.2
2.2
2.7
20dB/V
VREF = 2.50V
30dB/V
VREF = 1.67V
Figure 9. Gain Error vs. VGN for Two Gain Scale Values
DELTA GAIN (dB)
20
6
0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
18
8
4
2
16
12
14
10
∆G(dB) = G(CH1) – G(CH2)
N = 50
Figure 10. Gain Match, VGN1 = VGN2 = 1.0 V
DELTA GAIN (dB)
20
6
0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
18
8
4
2
16
12
14
10
∆G(dB) = G(CH1) – G(CH2)
N = 50
Figure 11. Gain Match, VGN1 = VGN2 = 2.50 V
FREQUENCY (Hz)
60
40
–60
0
–20
–40
20
VGN = 2.9V (FBK = OPEN)
VGN = 2.9V (FBK = SHORT)
VGN = 1.5V (FBK = OPEN)
VGN = 1.5V (FBK = SHORT)
VGN = 0.1V (FBK = OPEN)
VGN = 0.1V (FBK = SHORT)
VGN = 0.0V
100k
1M
10M
100M
Figure 12. AC Response for Three Values of VGN
VGN (V)
2.525
2.475
0
2.520
2.495
2.490
2.485
2.480
2.515
2.510
2.500
2.505
VOCM = 2.50V
–40°C
+25°C
+85°C
0.5
1.0
1.5
2.0
2.5
3.0
Figure 13. Output Offset vs. VGN at Three Temperatures
VGN (V)
130
90
125
110
105
100
95
120
115
0
0.5
1.0
1.5
2.0
2.5
3.0
+85°C
+25°C
–40°C
Figure 14. Output Referred Noise vs. VGN at Three Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com