Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD605BRZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD605BRZ-R7
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605BRZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD605BRZ-R7 Datasheet HTML 7Page - Analog Devices AD605BRZ-R7 Datasheet HTML 8Page - Analog Devices AD605BRZ-R7 Datasheet HTML 9Page - Analog Devices AD605BRZ-R7 Datasheet HTML 10Page - Analog Devices AD605BRZ-R7 Datasheet HTML 11Page - Analog Devices AD605BRZ-R7 Datasheet HTML 12Page - Analog Devices AD605BRZ-R7 Datasheet HTML 13Page - Analog Devices AD605BRZ-R7 Datasheet HTML 14Page - Analog Devices AD605BRZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD605
Rev. E | Page 11 of 20
100ns/DIV
VOUT = 200mV p-p
VGN = 1.5V
200
–200
253ns
1.253µs
TRIG'D
Figure 27. Small Signal Pulse Response
2.9V
0.0V
10
0%
100
90
500mV
200ns
500mV
Figure 28. Power-Up/Power-Down Response
2.9V
0.1V
10
0%
100
90
500mV
100ns
500mV
Figure 29. Gain Response
FREQUENCY (Hz)
VGN1 = 1V
VOUT1 = 1V p-p
VIN2 = GND
VGN2 = 2.9V
VGN2 = 2.5V
VGN2 = 2.0V
VGN2 = 0.1V
–30
–40
–60
–50
–70
–80
–90
100k
1M
10M
100M
Figure 30. Crosstalk (CH1 to CH2) vs. Frequency for Four Values of VGN2
0
–10
–60
–20
–30
–50
–40
VIN = 0dBm
VGN = 2.9V
VGN = 2.5V
VGN = 2.0V
VGN = 0.1V
FREQUENCY (Hz)
100k
1M
10M
100M
Figure 31. Common-Mode Rejection Ratio (CMRR) vs.
Frequency for Four Values of VGN
FREQUENCY (Hz)
180
175
140
160
155
145
150
170
165
VGN = 2.9V
100k
1M
10M
100M
Figure 32. Input Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com