Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD605BRZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD605BRZ-R7
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605BRZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD605BRZ-R7 Datasheet HTML 9Page - Analog Devices AD605BRZ-R7 Datasheet HTML 10Page - Analog Devices AD605BRZ-R7 Datasheet HTML 11Page - Analog Devices AD605BRZ-R7 Datasheet HTML 12Page - Analog Devices AD605BRZ-R7 Datasheet HTML 13Page - Analog Devices AD605BRZ-R7 Datasheet HTML 14Page - Analog Devices AD605BRZ-R7 Datasheet HTML 15Page - Analog Devices AD605BRZ-R7 Datasheet HTML 16Page - Analog Devices AD605BRZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD605
Rev. E | Page 13 of 20
THEORY OF OPERATION
The AD605 is a dual-channel, low noise VGA. Figure 35 shows
the simplified block diagram of one channel. Each channel
consists of a single-supply X-AMP® (hereafter called DSX,
differential single-supply X-AMP) comprising:
• Precision passive attenuator (differential ladder)
• Gain control block
• VOCM buffer with supply splitting resistors R3 and R4
• Active feedback amplifier1 (AFA) with gain setting resistors
R1 and R2
The linear-in-dB gain response of the AD605 can generally be
described by Equation 1.
G (dB) = (Gain Scaling (dB/V)) × (Gain Control (V)) −
(19 dB − (14 dB) × (FB))
(1)
where:
FB = 0, if FBK to OUT is shorted.
FB = 1, if FBK to OUT is open.
Each channel provides between −14 dB to +34.4 dB through
0 dB to +48.4 dB of gain, depending on the value of the
resistance connected between Pin FBK and Pin OUT. The
center 40 dB of gain is exactly linear-in-dB while the gain error
increases at the top and bottom of the range. The gain is set by
the gain control voltage (VGN). The VREF input establishes the
gain scaling. The useful gain scaling range is between 20 dB/V and
40 dB/V for a VREF voltage of 2.5 V and 1.25 V, respectively. For
example, if FBK to OUT were shorted and VREF were set to
2.50 V (to establish a gain scaling of 20 dB/V), the gain
equation would simplify to
G (dB) = (20 (dB/V)) × (VGN (V)) – 19 dB
(2)
The desired gain can then be achieved by setting the unipolar
gain control (VGN) to a voltage within its nominal operating
range of 0.25 V to 2.65 V (for 20 dB/V gain scaling). The gain is
monotonic for a complete gain control range of 0.1 V to 2.9 V.
Maximum gain can be achieved at a VGN of 2.9 V.
Because the two channels are identical, only Channel 1 is used
to describe their operation. VREF and VOCM are the only
inputs that are shared by the two channels, and because they are
normally ac grounds, crosstalk between the two channels is
minimized. For the highest gain scaling accuracy, VREF should
have an external low impedance voltage source. For low accuracy
20 dB/V applications, the VREF input can be decoupled with a
capacitor to ground. In this mode, the gain scaling is determined
by the midpoint between +VCC and GND; therefore, care
should be taken to control the supply voltage to 5 V. The input
resistance looking into the VREF pin is 10 kΩ ± 20%.
The AD605 is a single-supply circuit, and the VOCM pin is
used to establish the dc level of the midpoint of this portion of
the circuit. VOCM needs only an external decoupling capacitor
to ground to center the midpoint between the supply voltages (5
V, GND). However, if the dc level of the output is important to
the user (see the Applications section of the AD9050 data sheet
for an example), VOCM can be specifically set. The input
resistance looking into the VOCM pin is 45 kΩ ± 20%.
1 To understand the active-feedback amplifier topology, refer to the AD830
data sheet. The AD830 is a practical implementation of the idea.
R1
820Ω
VREF
VGN
VPOS
VOCM
R3
200kΩ
C3
OUT
DISTRIBUTED GM
175Ω
175Ω
G1
GAIN
CONTROL
Ao
G2
R2
20Ω
R4
200kΩ
EXT
+IN
–IN
FBK
3.36kΩ
DIFFERENTIAL
ATTENUATOR
EXT
C2
C1
+
+
+
+
Figure 35. Simplified Block Diagram of a Single Channel of the AD605



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com