Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX2821 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX2821
Description  TMUX28xx ±5.5V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX2821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX2821 Datasheet HTML 12Page - Texas Instruments TMUX2821 Datasheet HTML 13Page - Texas Instruments TMUX2821 Datasheet HTML 14Page - Texas Instruments TMUX2821 Datasheet HTML 15Page - Texas Instruments TMUX2821 Datasheet HTML 16Page - Texas Instruments TMUX2821 Datasheet HTML 17Page - Texas Instruments TMUX2821 Datasheet HTML 18Page - Texas Instruments TMUX2821 Datasheet HTML 19Page - Texas Instruments TMUX2821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
GND
SX
Dx
Audio Precision
VOUT
RL
VDD
VDD
0.1 µF
VS
40
Ω
Figure 6-9. THD + N Measurement Setup
6.10 Power Supply Rejection Ratio (PSRR)
PSRR measures the ability of a device to prevent noise and spurious signals that appear on the supply voltage
pin from coupling to the output of the switch. The DC voltage on the device supply is modulated by a sine wave
of 100mVPP. The ratio of the amplitude of signal on the output to the amplitude of the modulated signal is the AC
PSRR.
620 mVPP
RL
Network Analyzer
VOUT
VDD
DC Bias
Injector
VIN
CL
VBIAS
GND
Sx
Dx
VDD
0.1 µF
With and Without
Capacitor
Other SxA/
SxB/Dx pins
50
Ω
50
Ω
50
Ω
Figure 6-10. AC PSRR Measurement Setup
6.11 Charge Injection
Any mismatch in capacitance results in a charge injected into the drain or source during the falling or rising edge
of the gate signal. The amount of charge injected into the source or drain of the device is known as charge
injection, and is denoted by the symbol QC. Figure 6-11 shows the setup used to measure charge injection from
Drain (D) to Source (Sx).
TMUX2821, TMUX2819
SCDS488 – DECEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX2821 TMUX2819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com