Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX2821 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMUX2821
Description  TMUX28xx ±5.5V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX2821 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMUX2821 Datasheet HTML 16Page - Texas Instruments TMUX2821 Datasheet HTML 17Page - Texas Instruments TMUX2821 Datasheet HTML 18Page - Texas Instruments TMUX2821 Datasheet HTML 19Page - Texas Instruments TMUX2821 Datasheet HTML 20Page - Texas Instruments TMUX2821 Datasheet HTML 21Page - Texas Instruments TMUX2821 Datasheet HTML 22Page - Texas Instruments TMUX2821 Datasheet HTML 23Page - Texas Instruments TMUX2821 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Vdd
5.5V
1.8V
Switch
Driver
0V
-5.5V
Vdd
5.5V
0V
-5.5V
Figure 7-1. Beyond the Supply Signal Support
7.3.2 Bidirectional Operation
The TMUX28xx conducts equally well from source (Sx) to drain (Dx) or from drain (Dx) to source (Sx). Each
channel has very similar characteristics in both directions and supports both analog and digital signals.
7.3.3 Power-Off Protection
The TMUX28xx has powered-off protection up to ±5.5V on the switch path. This keeps the switch in a high
impedance mode and isolates the source (Sx) and drain (Dx) pins when the supply is removed (Vdd = 0V).
Powered-off protection minimizes system complexity by removing the need for power supply sequencing on
the signal path. The device performance remains within the leakage performance mentioned in the Electrical
Specifications. For more information on powered-off protection, refer to Eliminate Power Sequencing with
Powered-off Protection Signal Switches.
5.5V
0V
Switch
Driver
0V
-5.5V
5.5V
0V
-5.5V
Figure 7-2. Beyond the Supply Power-Off Protection
7.3.4 1.2V and 1.8V Logic Compatible Inputs
The TMUX28xx has 1.2V logic compatibility with a supply of 1.8V and a 1.8V logic compatibility with a 5V supply
(VDD). Having lower logic level inputs allows the device to interface with processors that have lower logic I/O rails
and eliminates the need for an external translator, which saves both space and bill of material (BOM) cost. For
more information on 1.8V logic implementations, refer to Simplifying Design with 1.8V logic Muxes and Switches
7.3.5 Integrated Pull-Down Resistor on Logic Pins
The TMUX28xx has internal weak pull-down resistors to GND so the logic pins are not left floating. This feature
integrates up to two external components and reduces system size and cost.
The value of this pull-down resistor is approximately 6MΩ.
7.3.6 Fail-Safe Logic
The TMUX28xx supports Fail-Safe Logic on the control input pin (SEL) allowing for operation up to 5.5V,
regardless of the state of the supply pin. This feature allows voltages on the control pin to be applied before
the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system complexity by
removing the need for power supply sequencing on the logic control pins. For example, the Fail-Safe Logic
feature allows the logic input pin of the TMUX28xx to be ramped to 5.5V while VDD = 0V. The logic control input
is protected against positive faults of up to 5.5V in powered-off condition, but does not offer protection against
negative overvoltage conditions.
TMUX2821, TMUX2819
SCDS488 – DECEMBER 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX2821 TMUX2819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com