Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX2821 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMUX2821
Description  TMUX28xx ±5.5V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX2821 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMUX2821 Datasheet HTML 6Page - Texas Instruments TMUX2821 Datasheet HTML 7Page - Texas Instruments TMUX2821 Datasheet HTML 8Page - Texas Instruments TMUX2821 Datasheet HTML 9Page - Texas Instruments TMUX2821 Datasheet HTML 10Page - Texas Instruments TMUX2821 Datasheet HTML 11Page - Texas Instruments TMUX2821 Datasheet HTML 12Page - Texas Instruments TMUX2821 Datasheet HTML 13Page - Texas Instruments TMUX2821 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
5.9 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
Supply Voltage (V)
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
25
C
85
C
125
C
Figure 5-7. VIHLogic Threshold vs Supply Voltage
Supply Voltage (V)
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
0.4
0.44
0.48
0.52
0.56
0.6
0.64
0.68
0.72
0.76
0.8
0.84
0.88
0.92
0.96
1
1.04
1.08
1.12
1.16
1.2
25
C
85
C
125
C
Figure 5-8. VILLogic Threshold vs Supply Voltage
Source Voltage (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
Transition On VDD = 1.8V
Transition On VDD = 3.3V
Transition On VDD = 5.5V
TA = 25°C
Figure 5-9. Transition Time vs Source Voltage
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
120
140
160
180
200
220
240
Te mp = -40
C
Te mp = 25
C
Te mp = 85
C
Te mp = 125
C
TS = 3.3V
Figure 5-10. tBBM vs Supply Voltage
Source Voltage (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6
VDD = 1.8 V
VDD = 2.5 V
VDD = 3.3 V
VDD = 5.5 V
TA = 25°C
Figure 5-11. Charge Injection vs Source Voltage
Frequency (Hz)
20
30 40 50 70 100
200 300
500 700 1000
2000 3000 5000
10000
20000
-130
-110
-90
-70
-50
-30
-10
10
VDD = 1.8V
VDD = 3.3V
VDD = 5.5V
RLOAD = 600Ω, TA = 25°C
Figure 5-12. THD+N vs Frequency
TMUX2821, TMUX2819
SCDS488 – DECEMBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX2821 TMUX2819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com