Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX2821 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX2821
Description  TMUX28xx ±5.5V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX2821 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX2821 Datasheet HTML 1Page - Texas Instruments TMUX2821 Datasheet HTML 2Page - Texas Instruments TMUX2821 Datasheet HTML 3Page - Texas Instruments TMUX2821 Datasheet HTML 4Page - Texas Instruments TMUX2821 Datasheet HTML 5Page - Texas Instruments TMUX2821 Datasheet HTML 6Page - Texas Instruments TMUX2821 Datasheet HTML 7Page - Texas Instruments TMUX2821 Datasheet HTML 8Page - Texas Instruments TMUX2821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Thermal Information....................................................5
5.4 Recommended Operating Conditions.........................5
5.5 Source or Drain Continuous Current...........................5
5.6 Source or Drain RMS Current.....................................5
5.7 Electrical Characteristics.............................................6
5.8 Switching Characteristics............................................7
5.9 Typical Characteristics................................................ 9
6 Parameter Measurement Information.......................... 12
6.1 On-Resistance.......................................................... 12
6.2 On-Leakage Current................................................. 13
6.3 Off-Leakage Current................................................. 13
6.4 Power-Off Leakage Current...................................... 13
6.5 Propagation Delay.................................................... 14
6.6 tON (VDD) and tOFF (VDD) Time..................................... 14
6.7 Transition Time......................................................... 14
6.8 Break-Before-Make...................................................15
6.9 THD + Noise............................................................. 15
6.10 Power Supply Rejection Ratio (PSRR)................... 16
6.11 Charge Injection...................................................... 16
6.12 Bandwidth............................................................... 17
6.13 Off Isolation.............................................................17
6.14 Crosstalk................................................................. 18
7 Detailed Description......................................................19
7.1 Functional Block Diagram......................................... 19
7.2 Device Functional Modes..........................................19
7.3 Feature Description...................................................19
8 Application and Implementation.................................. 21
8.1 Application Information............................................. 21
8.2 Typical Applications ................................................. 21
8.3 Power Supply Recommendations.............................23
8.4 Layout....................................................................... 23
9 Device and Documentation Support............................25
9.1 Documentation Support............................................ 25
9.2 Receiving Notification of Documentation Updates....25
9.3 Support Resources................................................... 25
9.4 Trademarks...............................................................25
9.5 Electrostatic Discharge Caution................................25
9.6 Glossary....................................................................25
10 Revision History.......................................................... 25
11 Mechanical, Packaging, and Orderable
Information.................................................................... 25
TMUX2821, TMUX2819
SCDS488 – DECEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX2821 TMUX2819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com