Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX2821 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX2821
Description  TMUX28xx ±5.5V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX2821 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX2821 Datasheet HTML 17Page - Texas Instruments TMUX2821 Datasheet HTML 18Page - Texas Instruments TMUX2821 Datasheet HTML 19Page - Texas Instruments TMUX2821 Datasheet HTML 20Page - Texas Instruments TMUX2821 Datasheet HTML 21Page - Texas Instruments TMUX2821 Datasheet HTML 22Page - Texas Instruments TMUX2821 Datasheet HTML 23Page - Texas Instruments TMUX2821 Datasheet HTML 24Page - Texas Instruments TMUX2821 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
TMUX2821 and TMUX2819 are part of the beyond the supply switches and multiplexers family of devices. This
means that this device can switch signals from -5.5V to 5.5V with a low voltage supply from 1.8V to 5.5V.
Additionally, TMUX28xx features powered-off protection, which by design keeps the switches open even when
there is no supply. This unique feature combination enables the TMUX28xx to be extremely versatile for a wide
variety of applications such as boosted outputs and high common mode offsets.
8.2 Typical Applications
8.2.1 Audio Input or Output Switching
When there are multiple audio inputs available such as a line-in and a wireless connection, a switch/multiplexer
is needed to switch between audio sources. This same scheme can be used in systems where there are multiple
speaker outputs and one source as well. A TMUX2819 can be used for all of these use cases, easily supporting
line-in audio up to ±5.5V with a supply/battery voltage from 1.8V to 5.5V. Figure 8-1 shows the block diagram
for these applications. Additionally, if IEC protection is needed on the external connectors (audio jack input or
external speaker), 2 TPD1E10B06 can be used.
The TMUX2819 features excellent THD+N performance, so there is minimal impact to the audio signal quality
through the switch. This allows the system designer to save a significant portion of board area without impacting
signal integrity. Additionally, because of the low supply current requirement, the device's supply can be driven
directly with a GPIO, allowing the user to put the device into a ultra-low power mode. In this mode the
TMUX2819 operates with powered-off protection, so any high voltage present on the inputs will not propagate to
the outputs. This helps keep correct power up cycling and increases system robustness.
Audio Codec
GPIO
SEL
V
DD
Decoder
L
R
Figure 8-1. Audio Headphone and Speaker Output Switching
www.ti.com
TMUX2821, TMUX2819
SCDS488 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX2821 TMUX2819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com