Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX2821 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX2821
Description  TMUX28xx ±5.5V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX2821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX2821 Datasheet HTML 9Page - Texas Instruments TMUX2821 Datasheet HTML 10Page - Texas Instruments TMUX2821 Datasheet HTML 11Page - Texas Instruments TMUX2821 Datasheet HTML 12Page - Texas Instruments TMUX2821 Datasheet HTML 13Page - Texas Instruments TMUX2821 Datasheet HTML 14Page - Texas Instruments TMUX2821 Datasheet HTML 15Page - Texas Instruments TMUX2821 Datasheet HTML 16Page - Texas Instruments TMUX2821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
6.2 On-Leakage Current
Source on-leakage current is defined as the leakage current flowing into or out of the source pin when the switch
is on. This current is denoted by the symbol IS(ON). Drain on-leakage current is defined as the leakage current
flowing into or out of the drain pin when the switch is on. This current is denoted by the symbol ID(ON). Either the
source pin or drain pin is left floating during the measurement. Figure 6-2 shows the circuit used for measuring
the on-leakage current, denoted by IS(ON) or ID(ON).
VDD
VDD
SA
GND
VS
SB
D
VD
ID (ON)
VDD
VDD
SA
GND
VS
SB
D
Vs
A
IS (ON)
N.C.
N.C.
A
Figure 6-2. On-Leakage Measurement Setup
6.3 Off-Leakage Current
Source and drain off-leakage current is defined as the leakage current flowing into or out of the source or drain
pin when the switch is off. This current is denoted by the symbol IS(OFF) and ID(OFF). Figure 6-3 shows the setup
used to measure off-leakage current.
VDD
SA
SB
GND
VS
D
VD
A
IS (OFF)
VD
Figure 6-3. Off-Leakage Measurement Setup
6.4 Power-Off Leakage Current
Powered-off source and drain leakage current is defined as the leakage current flowing into or out of the source
or drain pin when the device is powered off. This current is denoted by the symbol IPS(OFF) and IPD(OFF). Figure
6-4 shows the setup used to measure off-leakage current.
VDD
SA
SB
GND
VS
D
VD
A
IPS (OFF)
VD
SA
SB
GND
VS
D
VD
A
IPD (OFF)
VD
VDD
Figure 6-4. Power-Off Leakage Measurement Setup
www.ti.com
TMUX2821, TMUX2819
SCDS488 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX2821 TMUX2819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com