Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX2821 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMUX2821
Description  TMUX28xx ±5.5V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX2821 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMUX2821 Datasheet HTML 10Page - Texas Instruments TMUX2821 Datasheet HTML 11Page - Texas Instruments TMUX2821 Datasheet HTML 12Page - Texas Instruments TMUX2821 Datasheet HTML 13Page - Texas Instruments TMUX2821 Datasheet HTML 14Page - Texas Instruments TMUX2821 Datasheet HTML 15Page - Texas Instruments TMUX2821 Datasheet HTML 16Page - Texas Instruments TMUX2821 Datasheet HTML 17Page - Texas Instruments TMUX2821 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
6.5 Propagation Delay
Propagation delay is defined as the time taken by the output of the device to rise or fall 50% after the input signal
has risen or fallen past the 50% threshold. Figure 6-5 shows the setup used to measure propagation delay,
denoted by the symbol tPD.
RL
CL
VDD
0.1 µF
GND
Output
VS
250 mV
0 V
tPD 1
Output
0 V
tProp Delay = max ( tPD 1, tPD 2)
Input
(VS)
tr < 40ps
tf < 40ps
tPD 2
50%
50%
50%
50%
50 Ω
D
SB
SA
Figure 6-5. Propagation Delay Measurement Setup
6.6 tON (VDD) and tOFF (VDD) Time
The tON (VDD) time is defined as the time taken by the output of the device to rise 90% after the supply has risen
past the supply threshold. The 90% measurement is used to provide the timing of the device turning on in the
system. Figure 6-6 shows the setup used to measure turn on time, denoted by the symbol tON (VDD)
RL
CL
VDD
0.1 µF
GND
Output
VS
250 mV
0 V
tPD 1
Output
0 V
tProp Delay = max ( tPD 1, tPD 2)
Input
(VS)
tr < 40ps
tf < 40ps
tPD 2
50%
50%
50%
50%
50 Ω
RL
CL
Output
VS
50 Ω
D1
S1B
S1A
D2
S2B
S2A
Figure 6-6. tON (VDD) and tOFF (VDD) Time Measurement Setup
6.7 Transition Time
Transition time is defined as the time taken by the output of the device to rise or fall 10% after the control signal
has risen or fallen past the logic threshold. The 10% transition measurement is utilized to provide the timing of
the device. System level timing can then account for the time constant added from the load resistance and load
capacitance. Figure 6-7 shows the setup used to measure transition time, denoted by the symbol tTRANSITION.
TMUX2821, TMUX2819
SCDS488 – DECEMBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX2821 TMUX2819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com