Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1568IGN Datasheet(PDF) 5 Page - Analog Devices

Part # LT1568IGN
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1568IGN Datasheet(HTML) 5 Page - Analog Devices

  LT1568IGN Datasheet HTML 1Page - Analog Devices LT1568IGN Datasheet HTML 2Page - Analog Devices LT1568IGN Datasheet HTML 3Page - Analog Devices LT1568IGN Datasheet HTML 4Page - Analog Devices LT1568IGN Datasheet HTML 5Page - Analog Devices LT1568IGN Datasheet HTML 6Page - Analog Devices LT1568IGN Datasheet HTML 7Page - Analog Devices LT1568IGN Datasheet HTML 8Page - Analog Devices LT1568IGN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1568
5
1568f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Gain, fC = 10MHz,
Test Frequency = 1MHz (0.1 • fC)
q
–0.3
0.15
0.5
dB
VS = 5V, RFIL = 128Ω
Test Frequency = 7.5MHz (0.75 • fC)
q
–1.2
–0.50
0.0
dB
(Measured with Respect to DC Gain)
Test Frequency = 10MHz (1 • fC)
q
–3.1
–2.30
–1.5
dB
Test Frequency = 20MHz (2 • fC)
q
–12.2
–11.2
–10.2
dB
Test Frequency = 40MHz (4 • fC)
–19.1
dB
Filter Gain Mismatch
fC = 1MHz, fIN = fC
q
–0.4
±0.02
0.4
dB
(
VOUTA – VOUTB)fC = 10MHz, fIN = fC
q
–0.5
±0.02
0.5
dB
Wideband Output Noise
fC = 1MHz, RFIL = 1.28k, BW = 2MHz
22
µVRMS
fC = 10MHz, RFIL = 128Ω, BW = 20MHz
60
µVRMS
THD
Total Harmonic Distortion
fC = 1MHz, RFIL = 1.28k,
– 84
dB
fIN = 200kHz, VIN = 1VP-P
fC = 10MHz, RFIL = 128Ω,– 75
dB
fIN = 2MHz, VIN = 1VP-P
Specifications are for the
OUTA or OUTB of a single 2nd order section (A or B) with respect to VGND = VGNDA = VGNDB, gain = 1,
RFIL = R11 = R21 = R31 = R12 = R22 = R32, (see Block Diagram) The q denotes the specifications which apply over the full
operating temperature range, otherwise specifications and typcial values are at TA = 25°C. VS = single 5V, EN pin to logic “low,”
RL = 400Ω connected to midsupply, unless otherwise noted.
Specifications are for the
differential output (OUTA – OUTA or OUTB – OUTB) of a single 2nd order section (A or B), gain = –2,
RFIL = R11 = R21 = R31 = R12 = R22 = R32. All voltages are with respect to VGND = VGNDA = VGNDB. The q denotes the specifications
which apply over the full operating temperature range, otherwise specifications and typical values are at TA = 25°C.
VS = single 5V, EN pin to logic “low,” RLDIFF = 800Ω connected at midsupply, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ADC
DC Gain
q
–2
V/V
VOS(OUT)
DC Offset Voltage
VS = 3V, fC = 1MHz, RFIL = 1.28k
q
–4
6
16
mV
(OUTA – OUTA) or (OUTB – OUTB)
VS = 5V, fC = 1MHz, RFIL = 1.28k
q
–12
2
15
mV
VS = ±5V, fC = 1MHz, RFIL = 1.28k
q
–20
–5
10
mV
∆VOS(OUT)
DC Offset Voltage Mismatch
VS = 3V, fC = 1MHz, RFIL = 1.28k
q
–8
2
8
mV
(OUTA – OUTA) – (OUTB – OUTB)
VS = 5V, fC = 1MHz, RFIL = 1.28k
q
–12
–2
12
mV
VS = ±5V, fC = 1MHz, RFIL = 1.28k
q
–15
2
15
mV
Transfer Function Characteristics for Each Section (A or B) to Differential Output (OUTA – OUTA or OUTB – OUTB)
fC
Cutoff Frequency Range (Note 7)
VS = 3V, VS = 5V, VS = ±5V
q
0.2
10
MHz
TC
Cutoff Frequency Temperature Coefficient
q
±1
ppm/
°C
Filter Gain, fC = 1MHz,
Test Frequency = 300kHz (0.3 • fC)
q
–0.05
0.10
0.25
dB
VS = 5V, RFIL = 1.28k (Note 8)
Test Frequency = 750kHz (0.75 • fC)
q
–1.40
–1.10
–0.80
dB
(Measured with Respect to DC Gain)
Test Frequency = 1MHz (1 • fC)
q
–3.60
–3.20
–2.70
dB
Test Frequency = 2MHz (2 • fC)
q
–13.7
–13.1
–12.5
dB
Test Frequency = 4MHz (4 • fC)
–25.0
dB
Filter Gain, fC = 10MHz,
Test Frequency = 1MHz (0.1 • fC)
q
–0.20
0.1
0.30
dB
VS = 5V, RFL = 128Ω (Note 8)
Test Frequency = 7.5MHz (0.75 • fC)
q
–1.30
–0.8
–0.20
dB
(Measured with Respect to DC Gain)
Test Frequency = 10MHz (1 • fC)
q
–3.30
–2.6
–1.90
dB
Test Frequency = 20MHz (2 • fC)
q
–13.1
–12.1
–11.1
dB
Test Frequency = 40MHz (4 • fC)
–24.3
dB
FILTER ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com