Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1568IGN Datasheet(PDF) 15 Page - Analog Devices

Part # LT1568IGN
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1568IGN Datasheet(HTML) 15 Page - Analog Devices

Back Button LT1568IGN Datasheet HTML 8Page - Analog Devices LT1568IGN Datasheet HTML 9Page - Analog Devices LT1568IGN Datasheet HTML 10Page - Analog Devices LT1568IGN Datasheet HTML 11Page - Analog Devices LT1568IGN Datasheet HTML 12Page - Analog Devices LT1568IGN Datasheet HTML 13Page - Analog Devices LT1568IGN Datasheet HTML 14Page - Analog Devices LT1568IGN Datasheet HTML 15Page - Analog Devices LT1568IGN Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LT1568
15
1568f
Table 5. Resistor Values in Ohms, 4th Order Lowpass
Chebyshev,
±0.25dB Passband Ripple, Gain = 1
fCUTOFF (MHz)
R11, R21
R31
R12, R22
R32
1
1.87k
2.05k
2.21k
634
Ω
2
931
Ω
1.05k
1.10k
324
Ω
3
604
Ω
681
Ω
698
Ω
205
Ω
4
453
Ω
511
Ω
499
Ω
154
Ω
5
357
Ω
402
Ω
383
Ω
121
Ω
6
287
Ω
332
Ω
309
Ω
100
Ω
7
243
Ω
287
Ω
255
Ω
86.6
Ω
8
205
Ω
249
Ω
215
Ω
76.8
Ω
9
178
Ω
221
Ω
182
Ω
66.5
Ω
10
154
Ω
196
Ω
158
Ω
61.9
Ω
Amplitude Response 4th Order Lowpass Chebyshev,
±0.25dB Passband Ripple, fCUTOFF = 1MHz
FREQUENCY (MHz)
0.1
–60
–48
–36
–24
–12
110
20
1568 TA13
–72
–84
–96
–108
0
12
4th ORDER LOWPASS FILTER DESIG S
Transient Response 4th Order Lowpass Chebyshev,
±0.25dB Passband Ripple, fCUTOFF = 1MHz
INPUT
500mV/DIV
OUTPUT
200mV/DIV
1
µs/DIV
1568 TA16
Table 6. Resistor Values in Ohms, 4th Order Lowpass Bessel,
Gain = 1
fCUTOFF (MHz)
R11, R21
R31
R12, R22
R32
1
715
Ω
1.15k
1.91k
324
Ω
2
357
Ω
562
Ω
432
Ω
365
Ω
3
237
Ω
374
Ω
280
Ω
243
Ω
4
174
Ω
280
Ω
205
Ω
187
Ω
5
137
Ω
221
Ω
162
Ω
147
Ω
6
115
Ω
187
Ω
130
Ω
124
Ω
Amplitude Response
4th Order Lowpass Bessel, fCUTOFF = 1MHz
FREQUENCY (MHz)
0.1
–60
–48
–36
–24
–12
110
20
1568 TA17
–72
–84
–96
–108
0
12
Transient Response
4th Order Lowpass Bessel, fCUTOFF = 1MHz
INPUT
500mV/DIV
OUTPUT
200mV/DIV
1
µs/DIV
1568 TA18
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com