Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1568IGN Datasheet(PDF) 10 Page - Analog Devices

Part # LT1568IGN
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1568IGN Datasheet(HTML) 10 Page - Analog Devices

Back Button LT1568IGN Datasheet HTML 6Page - Analog Devices LT1568IGN Datasheet HTML 7Page - Analog Devices LT1568IGN Datasheet HTML 8Page - Analog Devices LT1568IGN Datasheet HTML 9Page - Analog Devices LT1568IGN Datasheet HTML 10Page - Analog Devices LT1568IGN Datasheet HTML 11Page - Analog Devices LT1568IGN Datasheet HTML 12Page - Analog Devices LT1568IGN Datasheet HTML 13Page - Analog Devices LT1568IGN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1568
10
1568f
APPLICATIO S I FOR ATIO
The LT1568 has been designed to make the implementa-
tion of high frequency filtering functions very easy. Inter-
nal low noise amplifiers and capacitors are configured in
a topology that requires only three external resistors to
implement a 2nd order filter stage. The two 2nd order
stages can be used independently or cascaded for simple
4th order filter functions. With two stages integrated on
the same die, the matching of the independent sections is
better than what can be achieved with separate amplifier
components.
OPERATING WITH SINGLE OR DUAL SUPPLIES
Figure 1 shows the recommended connection of an analog
ground plane with the LT1568 biased from either symmetri-
cal dual (
±V) power supplies or a single supply. Connec-
tion of the two GND pins is important to properly DC bias
the internal amplifiers. The use of a ground plane helps to
minimize noise and stray components to preserve signal
integrity and maintain frequency response accuracy.
When biasing from a dual supply, it is recommended that
a Schottky diode clamp (BAT54S) be added as shown.
These diodes ensure that improper supply voltages,
through either reverse polarity or power-up sequencing,
do not damage the LT1568.
SIMPLE FILTER IMPLEMENTATIONS
The basic 2nd order filter block of the LT1568, with three
external resistors connected as shown in the Block Dia-
gram, has the following lowpass transfer function:
e
e
DC
f
s
f
Q
sf
OUT
IN
GAIN
O
O
O
=
π
()
+ π
+π
()
–
•2
2
2
2
2
2
where eOUT is either OUTA or OUTB,
DC
R
R
f
RR
C
C
GAIN
O
==
π
2
1
1
22
3
1
2
,
••
•
and
Q
CC
R
R
R
f
CR
R
R
R
R
C
R
R
O
=
π
+
()+
[]
21
2
1
2
3
11
2
3
2
3
2
1
2
•
•
•
•••
••
•
–
•
•
The typical values of the internal capacitors are:
C1= 105.7pF
C2 = 141.3pF
These filter functions assume ideal amplifiers.
Dual Supply Power and Ground Connections
Single Supply Power and Ground Connections
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
INVA
SA
OUTA
OUTA
GNDA
NC
V–
V+
INVB
SB
OUTB
OUTB
GNDB
EN
V–
LT1568
BAT54S
V+
V–
0.1
µF
0.1
µF
SINGLE POINT
SYSTEM GROUND
1568 F01a
ANALOG
GROUND
PLANE
DIGITAL GROUND PLANE
(IF ANY)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
INVA
SA
OUTA
OUTA
GNDA
NC
V–
V+
INVB
SB
OUTB
OUTB
GNDB
EN
V–
LT1568
V+
0.1
µF
0.1
µF
SINGLE POINT
SYSTEM GROUND
1568 F01b
ANALOG
GROUND
PLANE
DIGITAL GROUND PLANE
(IF ANY)
Figure 1. Dual and Single Supply and Ground Plane Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com