Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1568IGN Datasheet(PDF) 12 Page - Analog Devices

Part # LT1568IGN
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1568IGN Datasheet(HTML) 12 Page - Analog Devices

Back Button LT1568IGN Datasheet HTML 8Page - Analog Devices LT1568IGN Datasheet HTML 9Page - Analog Devices LT1568IGN Datasheet HTML 10Page - Analog Devices LT1568IGN Datasheet HTML 11Page - Analog Devices LT1568IGN Datasheet HTML 12Page - Analog Devices LT1568IGN Datasheet HTML 13Page - Analog Devices LT1568IGN Datasheet HTML 14Page - Analog Devices LT1568IGN Datasheet HTML 15Page - Analog Devices LT1568IGN Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT1568
12
1568f
Table 1. Resistor Values in Ohms, Dual 2nd Order
Butterworth, Gain = 1, R12 = R11, R22 = R21, R32 = R31
fCUTOFF (MHz)
R11 = R21 = R31
0.2
6340
Ω
0.5
2550
Ω
1
1270
Ω
2
634
Ω
3
422
Ω
4
324
Ω
5
255
Ω
6
210
Ω
7
182
Ω
8
162
Ω
9
143
Ω
10
127
Ω
FREQUENCY (MHz)
0.1
–50
–40
–30
–20
–10
110
20
1568 TA07
–60
–70
–80
–90
0
10
Amplitude Response
2nd Order Butterworth, fCUTOFF = 1MHz
Transient Response
2nd Order Butterworth, fCUTOFF = 1MHz
INPUT
500mV/DIV
OUTPUT
200mV/DIV
1
µs/DIV
1568 TA08
Dual 2nd Order Lowpass Filter,
Dual Supply Operation
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
INVA
SA
OUTA
OUTA
GNDA
NC
V–
V+
INVB
SB
OUTB
OUTB
GNDB
EN
V–
0.1
µF
BAT54S
VIN1
VOUTA
VOUTA
VIN2
VOUTB
VOUTB
R11
R31
R22
R32
R12
R21
0.1
µF
–5V
1568 TA03
5V
LT1568
Dual 2nd Order Lowpass Filter,
Single Supply Operation
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
INVA
SA
OUTA
OUTA
GNDA
NC
V–
V+
INVB
SB
OUTB
OUTB
GNDB
EN
V–
0.1
µF
VIN1
VOUTA
VOUTA
VIN2
VOUTB
VOUTB
R11
R31
R22
R32
R12
R21
0.1
µF
1568 TA04
2.7V
≤ V+ ≤ 10V
LT1568
R
ff
C
CUTOFF
11 = R21 = R31 = R = 128
•
10MHz
fC
Ω
=
DUAL 2nd ORDER LOWPASS FILTER DESIG S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com