Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1568IGN Datasheet(PDF) 16 Page - Analog Devices

Part # LT1568IGN
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1568IGN Datasheet(HTML) 16 Page - Analog Devices

Back Button LT1568IGN Datasheet HTML 8Page - Analog Devices LT1568IGN Datasheet HTML 9Page - Analog Devices LT1568IGN Datasheet HTML 10Page - Analog Devices LT1568IGN Datasheet HTML 11Page - Analog Devices LT1568IGN Datasheet HTML 12Page - Analog Devices LT1568IGN Datasheet HTML 13Page - Analog Devices LT1568IGN Datasheet HTML 14Page - Analog Devices LT1568IGN Datasheet HTML 15Page - Analog Devices LT1568IGN Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT1568
16
1568f
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0403 2K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1563
4th Order Filter Building Block
Lowpass or Bandpass Filter Designs, 256Hz to 256kHz
LTC1565-31
7th Order, Fully Differential 650kHz Lowpass Filter
SO-8, No External Components
LTC1566-1
7th Order, Fully Differential 2.3MHz Lowpass Filter
SO-8, No External Components
LT1567
Very Low Noise Op Amp and Inverter
1.4nV/
√Hz Op Amp, MSOP Package, Differential Outputs
LT6600-10
Fully Differential 10MHz Lowpass Filter
55
µVRMS Noise 100kHz to 10MHz, Operates with 3V Supply
LT6600-20
Fully Differential 20MHz Lowpass Filter
86
µVRMS Noise 100kHz to 20MHz, Operates with Single 3V Supply
PACKAGE DESCRIPTIO
GN Package
16-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
GN16 (SSOP) 0502
.016 – .050
(0.406 – 1.270)
.015
± .004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
.007 – .0098
(0.178 – 0.249)
.053 – .068
(1.351 – 1.727)
.008 – .012
(0.203 – 0.305)
.004 – .0098
(0.102 – 0.249)
.0250
(0.635)
BSC
12
3
4
5
6
7
8
.229 – .244
(5.817 – 6.198)
.150 – .157**
(3.810 – 3.988)
16 15 14 13
.189 – .196*
(4.801 – 4.978)
12 11 10 9
.009
(0.229)
REF
.254 MIN
RECOMMENDED SOLDER PAD LAYOUT
.150 – .165
.0250 TYP
.0165
±.0015
.045
±.005
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
**DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
INCHES
(MILLIMETERS)
NOTE:
1. CONTROLLING DIMENSION: INCHES
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
TYPICAL APPLICATIO S
V+
INVA
SA
OUTA
OUTA
GNDA
NC
V–
V+
INVB
SB
OUTB
OUTB
GNDB
EN
V–
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LT1568
R11 93.1
Ω
CIN1
39pF
5%
CIN2
39pF
5%
0.1
µF
0.1
µF
R12 93.1
Ω
R22 113
Ω
1568 TA19
VIN
5V
VOUT
VOUT
R21 113
Ω
4th Order Bandpass Filter
fCENTER = 10MHz, –3dB Passband = fCENTER/5.4
Amplitude Response
4th Order Bandpass Filter fCENTER = 10MHz
FREQUENCY (MHz)
1
–30
–24
–18
–12
–6
10
40
1568 TA20
–36
–42
–48
–54
0
6
PIN 13 OUTPUT
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com