Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1568IGN Datasheet(PDF) 9 Page - Analog Devices

Part # LT1568IGN
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1568IGN Datasheet(HTML) 9 Page - Analog Devices

Back Button LT1568IGN Datasheet HTML 5Page - Analog Devices LT1568IGN Datasheet HTML 6Page - Analog Devices LT1568IGN Datasheet HTML 7Page - Analog Devices LT1568IGN Datasheet HTML 8Page - Analog Devices LT1568IGN Datasheet HTML 9Page - Analog Devices LT1568IGN Datasheet HTML 10Page - Analog Devices LT1568IGN Datasheet HTML 11Page - Analog Devices LT1568IGN Datasheet HTML 12Page - Analog Devices LT1568IGN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1568
9
1568f
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
INVA
SA
OUTA
OUTA
GNDA
NC
V–
V+
INVB
SB
OUTB
OUTB
GNDB
EN
V–
LT1568
V+
V–
0.1
µF
0.1
µF
SINGLE POINT
SYSTEM GROUND
1568 PF01
ANALOG
GROUND
PLANE
DIGITAL GROUND PLANE
(IF ANY)
Dual Supply Power and Ground Connections
Single Supply Power and Ground Connections
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
INVA
SA
OUTA
OUTA
GNDA
NC
V–
V+
INVB
SB
OUTB
OUTB
GNDB
EN
V–
LT1568
V+
0.1
µF
0.1
µF
SINGLE POINT
SYSTEM GROUND
1568 PF02
ANALOG
GROUND
PLANE
DIGITAL GROUND PLANE
(IF ANY)
PI FU CTIO S
C1B
INA
INB
OUTA
OUTA
V–
+
–
C1A
C2A
C2B
A1A
–1
INVB
OUTB
OUTB
B-SIDE
DIFFERENTIAL
OUTPUTS
TYPICAL CAPACITOR VALUES:
C1 = 105.7pF
±0.75%
C2 = 141.3pF
±0.75%
A-SIDE
DIFFERENTIAL
OUTPUTS
OUTB
+
–
R22
1.27k
R32
1.27k
R12
1.27k
V+
SB
GNDB
EN
1568BD
V–
INVA
CBP1
0.1
µF
V+
SA
GNDA
NC
V–
A1B
–1
V+
V–
5k
5k
0.1
µF
R31
1.27k
V+
R11
1.27k
R21
1.27k
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OUTB
OUTA
OUTA
BLOCK DIAGRA
A D TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com