Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1568IGN Datasheet(PDF) 11 Page - Analog Devices

Part # LT1568IGN
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1568IGN Datasheet(HTML) 11 Page - Analog Devices

Back Button LT1568IGN Datasheet HTML 7Page - Analog Devices LT1568IGN Datasheet HTML 8Page - Analog Devices LT1568IGN Datasheet HTML 9Page - Analog Devices LT1568IGN Datasheet HTML 10Page - Analog Devices LT1568IGN Datasheet HTML 11Page - Analog Devices LT1568IGN Datasheet HTML 12Page - Analog Devices LT1568IGN Datasheet HTML 13Page - Analog Devices LT1568IGN Datasheet HTML 14Page - Analog Devices LT1568IGN Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1568
11
1568f
The following filter examples are provided to make it easy
to design a variety of filter stages. Both 2nd and 4th order
filters are shown. For each filer, a table of external resistor
values (standard 1% tolerance) is provided. These resistor
values have been adjusted to compensate for the finite
gain bandwidth product of the LT1568 amplifiers.
To implement a filter, simply connect the resistor values
shown in the table for the cutoff frequency desired. If the
desired cutoff frequency is not shown in the table of
values, use interpolation as recommended in the next
section.
DESIGNING FOR ANY CUTOFF FREQUENCY
To implement a lowpass filter with a cutoff frequency not
included in the design table, resistor values can be inter-
polated in the following manner:
For a Cutoff Frequency, fC, Less Than 1MHz
Start with the resistor values for fC = 1MHz and then scale
them up by the ratio of (1MHz/fC).
APPLICATIO S I FOR ATIO
Example: Implement a 2nd order lowpass Chebyshev filter
with an fC of 256kHz. From Table 2 the values for fC of
1MHz are R11 = R21 = 976
Ω and R31 825Ω.
Scaling for fC = 256kHz:
R11 = R21 = 976
Ω • (1MHz/256kHz) ≈ 3.83k
R31 = 825
Ω • (1MHz/256kHz) ≈ 3.24k
For a Cutoff Frequency, fC, Between Values Given in a
Design Table
Start with the resistor values for the cutoff frequency
closest to the desired one and scale the values up or down
accordingly.
Example: Implement a 2nd order lowpass Chebyshev filter
with an fC of 3.2MHz. From Table 2 the closest values are
for fC of 3MHz and are R11 = R21 = 316Ω and R31 = 274Ω.
Scaling for fC = 3.2MHz:
R11 = R21 = 316
Ω • (3MHz/3.2MHz) ≈ 294Ω
R31 = 274
Ω • (3MHz/3.2MHz) ≈ 255Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com