Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2000/1/2H Datasheet(PDF) 24 Page - Keysight Technologies

Part # U2000/1/2H
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1/2H Datasheet(HTML) 24 Page - Keysight Technologies

Back Button U2000/1/2H Datasheet HTML 18Page - Keysight Technologies U2000/1/2H Datasheet HTML 19Page - Keysight Technologies U2000/1/2H Datasheet HTML 20Page - Keysight Technologies U2000/1/2H Datasheet HTML 21Page - Keysight Technologies U2000/1/2H Datasheet HTML 22Page - Keysight Technologies U2000/1/2H Datasheet HTML 23Page - Keysight Technologies U2000/1/2H Datasheet HTML 24Page - Keysight Technologies U2000/1/2H Datasheet HTML 25Page - Keysight Technologies U2000/1/2H Datasheet HTML 26Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Ordering Information
Power sensors
Models
Description
Power range
Connector type
U2000A
10 MHz to 18 GHz USB sensor
–60 to +20 dBm
N-type male, 50 Ω
U2000B
10 MHz to 18 GHz USB sensor
–30 to +44 dBm
N-type male, 50 Ω
U2000H
10 MHz to 18 GHz USB sensor
–50 to +30 dBm
N-type male, 50 Ω
U2001A
10 MHz to 6 GHz USB sensor
–60 to +20 dBm
N-type male, 50 Ω
U2001B
10 MHz to 6 GHz USB sensor
–30 to +44 dBm
N-type male, 50 Ω
U2001H
10 MHz to 6 GHz USB sensor
–50 to +30 dBm
N-type male, 50 Ω
U2002A
50 MHz to 24 GHz USB sensor
–60 to +20 dBm
3.5 mm male, 50 Ω
U2002H
50 MHz to 24 GHz USB sensor
–50 to +30 dBm
3.5 mm male, 50 Ω
U2004A
9 kHz to 6 GHz USB sensor
–60 to +20 dBm
N-type male, 50 Ω
Options and accessories
U2001A-H03
U2001A-H16
U2001A-H25
U2002A-H26
U2001A sensor with extended frequency range, 3 MHz to 6 GHz
With 1K ohms input trigger impedance. Higher impedance is typically required when several instruments’ input
trigger ports are connected in parallel for triggering purpose. Standard option has 50 ohms input trigger impedance.
U2001A sensor with extended power range, –60 dBm to +25 dBm
U2002A sensor with extended frequency range, 10 MHz to 26.5 GHz
Standard-shipped accessories
Trigger cable BNC Male to SMB female 50 Ω, 1.5 m
Power sensor cable: 1.5 m, 3.0 m, or 5.0 m
U2000 Series USB Power Sensor Documentation CD
N1918A Power Analysis Manager Assembly
Keysight Instrument Control DVD (contains IO Libraries Suite, Command Expert and BenchVue software)
Warranty
3-years, return-to-Keysight warranty and service plan for the U2000 Series USB power sensors
3 months for standard-shipped accessories
24 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com