Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2000/1/2H Datasheet(PDF) 14 Page - Keysight Technologies

Part # U2000/1/2H
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1/2H Datasheet(HTML) 14 Page - Keysight Technologies

Back Button U2000/1/2H Datasheet HTML 10Page - Keysight Technologies U2000/1/2H Datasheet HTML 11Page - Keysight Technologies U2000/1/2H Datasheet HTML 12Page - Keysight Technologies U2000/1/2H Datasheet HTML 13Page - Keysight Technologies U2000/1/2H Datasheet HTML 14Page - Keysight Technologies U2000/1/2H Datasheet HTML 15Page - Keysight Technologies U2000/1/2H Datasheet HTML 16Page - Keysight Technologies U2000/1/2H Datasheet HTML 17Page - Keysight Technologies U2000/1/2H Datasheet HTML 18Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Specifications (continued)
Effects of averaging on noise:
Averaging over 1 to 1024 readings
is available for reducing noise. The
table below provides the measure-
ment noise for a particular sensor
with the number of averages
set at 16 (for normal mode) and
32 (for x2 mode). Use the noise
multiplier, for the appropriate of
averages, to determine the total
measurement noise value.
Average only Mode
Number of averages
1
2
4
8
16
32
64
128
256
512
1024
Noise multiplier
Normal mode
x2 mode
2.0
2.7
1.8
2.4
1.7
2.0
1.5
1.6
1.0
1.0
0.95
0.91
0.74
0.78
0.55
0.53
0.39
0.34
0.29
0.29
0.21
0.20
Example:
U2000A power sensor, –60 to
–35 dBm, normal mode, number
of averages = 4
Measurement noise calculation:
1 nW x 1.7 = 1.7 nW
Effect of time-gating and averaging
on normal mode measurement noise:
The normal mode measurement
noise wil depend on the gate length
(time-gated period in second) and the
number of averages. The noise can
be approximately calculated with the
following equations.
If the gate length is < 2.73 µs, use Equation 1:
Noise = Noise per sample ×
1
Number of averages
Otherwise, use Equation 2:
Noise = Noise per sample ×
1
×
4
1/4
Number of averages
(
Gate length/(0.68 µs)
)
Note: If the noise value obtained
from Equation 1 or 2 is lower than
the measurement noise specification,
use the value as specified in the
measurement noise table.
14 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com