Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2000/1/2H Datasheet(PDF) 21 Page - Keysight Technologies

Part # U2000/1/2H
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1/2H Datasheet(HTML) 21 Page - Keysight Technologies

Back Button U2000/1/2H Datasheet HTML 17Page - Keysight Technologies U2000/1/2H Datasheet HTML 18Page - Keysight Technologies U2000/1/2H Datasheet HTML 19Page - Keysight Technologies U2000/1/2H Datasheet HTML 20Page - Keysight Technologies U2000/1/2H Datasheet HTML 21Page - Keysight Technologies U2000/1/2H Datasheet HTML 22Page - Keysight Technologies U2000/1/2H Datasheet HTML 23Page - Keysight Technologies U2000/1/2H Datasheet HTML 24Page - Keysight Technologies U2000/1/2H Datasheet HTML 25Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Using the U2000 Series with the N1918A Power Analysis Manager (continued)
System requirements
Hardware
Processor
Desktop PC: 1.3 GHz Pentium IV or higher recommended
Laptop PC: 900 MHz Pentium M or higher recommended
RAM
512 MB (1.0 GB or higher recommended)
Hard disk space
1.0 GB or more free disk space at runtime
Resolution
800 x 600 or higher (1280 x 1024 recommended)
Operating system and browser
Operating system
Windows 8 32-bit and 64-bit
Windows 7 32-bit and 64-bit
Windows Vista 32-bit1
Windows XP Professional 32-bit Service Pack 2 or higher2
Browser
Microsoft Internet Explorer 5.1 (6.0 or higher recommended)
Software
Keysight IO Libraries Suite
Version 15.53 or higher
Microsoft .NET Framework
Runtime version 2.0
Microsoft Visual C++ 2005 Runtime Libraries4
Version 1.0 or higher
1. Supports USB License Key only
2. Supports both PC Licensing and USB License Key
3. Available on the Keysight Automation-Ready CD-ROM. Keysight IO Libraries Suite 15.5 is required if your PC is running on Windows Vista
32-bit operating system.
4. Bundled with N1918A Power Analysis Manager CD
21 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com