Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2000/1/2H Datasheet(PDF) 4 Page - Keysight Technologies

Part # U2000/1/2H
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1/2H Datasheet(HTML) 4 Page - Keysight Technologies

  U2000/1/2H Datasheet HTML 1Page - Keysight Technologies U2000/1/2H Datasheet HTML 2Page - Keysight Technologies U2000/1/2H Datasheet HTML 3Page - Keysight Technologies U2000/1/2H Datasheet HTML 4Page - Keysight Technologies U2000/1/2H Datasheet HTML 5Page - Keysight Technologies U2000/1/2H Datasheet HTML 6Page - Keysight Technologies U2000/1/2H Datasheet HTML 7Page - Keysight Technologies U2000/1/2H Datasheet HTML 8Page - Keysight Technologies U2000/1/2H Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Introducing the U2000 Series USB Power Sensors
The U2000 Series enable simpler,
lower-cost power measurements
versus conventional power meter
and sensor combinations. Now with
nine high-performance models, the
U2000 Series USB power sensors
offer compact, high-performance
solutions for today’s CW and modu-
lated signals.
Compact “power meters”,
simple set-up
The U2000 Series are standalone
sensors. That means they essentially
operate like power meters, just in
smaller forms. No reference calibra-
tor is required. The fact that each
sensor draws minimal power from a
USB port—and that it doesn’t need
additional triggering modules or
power adaptors to operate—makes
it more portable, especially for base
station testing. Setting up is easy:
just plug it to the USB port of your
PC or laptop—or even select network
or handheld spectrum analyzer—and
start your power measurements.
The figure below illustrates the very
simple, straightforward setup of the
U2000 Series.
High accuracy
Each U2000 Series sensor provides
excellent linearity, SWR and uncer-
tainty specifications, so you can be
confident in every measurement you
make.
Wide range, high power
The U2000 Series’ dynamic range
spans across a wide 80 dB, taking on
high power up to +44 dBm.
Remote monitoring and tests
With the U2000 Series sensor
plugged to a networked USB hub,
you can conveniently monitor power
measurements of an antenna tower
from the control room, beyond the
limits of USB cable lengths.
Key features
– Compact, lightweight solu-
tions
– Quick, simple set-up
– High accuracy, high power
– Internal zeroing capability
– Fast reading speed
– Wide frequency range: 9 kHz
to 26.5 GHz (sensor option
dependant)
– Wide dynamic range: –60 to
+44 dBm
– Support internal and exter-
nal trigger measurements*
– Trace display capability en-
ables easy trigger level and
gate setup for burst signals
– Allows remote measure-
ments beyond cable length
– Enables monitoring of more
than 20 channels simultane-
ously
– Converts select Keysight in-
struments to power meters
– Feature-packed software
provides various capabilities
for easy testing and analysis
– Average power measure-
ments of CW and modulated
signals, including GSM,
EDGE, WLAN and WiMAXTM
*Except U2004A model
DUT
USB sensor
Trigger signal
04 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com