Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2000/1/2H Datasheet(PDF) 18 Page - Keysight Technologies

Part # U2000/1/2H
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1/2H Datasheet(HTML) 18 Page - Keysight Technologies

Back Button U2000/1/2H Datasheet HTML 14Page - Keysight Technologies U2000/1/2H Datasheet HTML 15Page - Keysight Technologies U2000/1/2H Datasheet HTML 16Page - Keysight Technologies U2000/1/2H Datasheet HTML 17Page - Keysight Technologies U2000/1/2H Datasheet HTML 18Page - Keysight Technologies U2000/1/2H Datasheet HTML 19Page - Keysight Technologies U2000/1/2H Datasheet HTML 20Page - Keysight Technologies U2000/1/2H Datasheet HTML 21Page - Keysight Technologies U2000/1/2H Datasheet HTML 22Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Specifications (continued)
General specifications
Physical characteristics
Dimensions (LxWxH)
U2000/1/4A:
163.75 mm x 46.00 mm x 35.90 mm
U2002A:
134.37 mm x 46.00 mm x 35.90 mm
U2000/1B:
308.00 mm x 115.00 mm x 84.00 mm
U2000/1H:
207.00 mm x 46.00 mm x 36.00 mm
U2002H:
164.00 mm x 46.00 mm x 36.00 mm
Weight
U2000/1/4A:
0.262 kg
U2002A:
0.226 kg
U2000/1B:
0.762 kg
U2000/1H:
0.324 kg
U2002H:
0.274 kg
Operating environment
Temperature
0 °C to 55 °C
Humidity
Up to 95% relative humidity at 40 °C (non-condensing)
Altitude
Up to 4600 m (15,000 ft)
Pollution
Degree 2
Storage and shipment
Environment
Sensor should be stored in a clean, dry environment
Temperature
–30 °C to +70 °C
Humidity
Up to 90% relative humidity at 65 °C (non-condensing)
Altitude
Up to 4600 m (15,000 ft)
Pollution
Degree 2
Other
Current requirement
200 mA max (approximately)
Connector
U2000/1/4A, U2000/1H, U2000/1B: N-type (m), 50 Ω
U2002A, U2002H: 3.5 mm (m), 50 Ω
Cable
USB 2.0 Type A to 5-pin Mini-B
Programmability
SCPI , Keysight VEE, LabVIEW, Microsoft® Visual Basic
Safety and EMC compliance
IEC 61010-1:2001/EN 61010-1:2001 (2nd edition)
IEC 61326:2002 / EN61326:1997+A1:1998+A2:2001+A3:2003
Canada: ICES-001:2004
Australia/New Zealand: AS/NZS CISPR11:2004
Calibration1
1 year
Warranty1
3 years
Compatible instruments
Keysight N9340A/B handheld spectrum analyzers
Keysight MXG signal generators
Keysight PNA, PNA-L and PNA-X Series performance network analyzers
1. See “Ordering information” for available options
18 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com