Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2000/1/2H Datasheet(PDF) 7 Page - Keysight Technologies

Part # U2000/1/2H
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1/2H Datasheet(HTML) 7 Page - Keysight Technologies

Back Button U2000/1/2H Datasheet HTML 3Page - Keysight Technologies U2000/1/2H Datasheet HTML 4Page - Keysight Technologies U2000/1/2H Datasheet HTML 5Page - Keysight Technologies U2000/1/2H Datasheet HTML 6Page - Keysight Technologies U2000/1/2H Datasheet HTML 7Page - Keysight Technologies U2000/1/2H Datasheet HTML 8Page - Keysight Technologies U2000/1/2H Datasheet HTML 9Page - Keysight Technologies U2000/1/2H Datasheet HTML 10Page - Keysight Technologies U2000/1/2H Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Specifications
Specifications contained in this
chapter are valid ONLY after proper
calibration of the power sensor and
apply to continuous wave (CW)
signals unless otherwise stated. The
recommended calibration interval for
this product is one year. Specifica-
tions apply over a temperature range
0 to +55 °C unless otherwise stated.
Specifications quoted over a tem-
perature range of 25 °C ± 10 °C apply
to a relative humidity of 15% to 75%
and conform to the standard environ-
mental test conditions. Specifications
are valid after a 30-minute warm-up
period.
Supplemental characteristics, shown
in italics, are intended to provide
useful information with regard to ap-
plying the power sensors in that they
contain typical, but non-warranted
performance parameters. These
characteristics are shown in italics
or denoted as “typical”, “nominal” or
“approximate”.
Measurement speed
Normal: 20 readings/s
x2: 40 readings/s
Fast: 110 readings/s
Buffered (50 readings):
1000 readings/s1
The U2000 Series USB sensors have
two measurement modes:
Average only mode (default mode):
optimized for wide dynamic range.
In this measurement mode, a trigger
can be controlled externally via TTL
input.
Normal2 mode: used for making aver-
age power measurement in a defined
time interval (time-gated measure-
ment) with reduced dynamic range.
A trigger can be derived from an RF
signal (internal trigger) or controlled
externally via TTL input (external
trigger).
1. The 1000 reading/s is the derived measurement speed from the first 50 readings in buff-
ered mode. The maximum number of measurements that can be obtained in one second is
250 readings in buffered mode.
2. Not applicable for U2004A.
Frequency and power ranges
Model
Frequency range
Power range
Maximum power
U2000A
10 MHz to 18 GHz
–60 to +20 dBm
+25 dBm avg, 20 VDC
+33 dBm pk, < 10 µs
U2001A
10 MHz to 6 GHz
U2002A
50 MHz to 24 GHz
U2004A
9 kHz to 6 GHz
–60 to +20 dBm
+25 dBm avg, 5 VDC
+33 dBm pk, < 10 µs
U2000B
10 MHz to 18 GHz
–30 to +44 dBm
+45 dBm avg, 20 VDC
+47 dBm pk, 1 µs
U2001B
10 MHz to 6 GHz
U2000H
10 MHz to 18 GHz
–50 to +30 dBm
+33 dBm avg, 20 VDC
+50 dBm pk, 1 µs
U2001H
10 MHz to 6 GHz
U2002H
50 MHz to 24 GHz
–50 to +30 dBm
+33 dBm avg, 10 VDC
+50 dBm pk, 1 µs
Maximum SWR
Model
Frequency range
Maximum SWR
(25 °C ± 10 °C)
Maximum SWR
(0 °C to 55 °C)
U2000A
10 to 30 MHz
30 MHz to 2 GHz
2 to 14 GHz
14 to 16 GHz
16 to 18 GHz
1.15
1.13
1.19
1.22
1.26
1.21
1.15
1.20
1.23
1.27
U2001A
10 to 30 MHz
30 MHz to 2 GHz
2 to 6 GHz
1.15
1.13
1.19
1.21
1.15
1.20
U2002A
50 MHz to 2 GHz
2 to 14 GHz
14 to 16 GHz
16 to 18 GHz
18 to 24 GHz
1.13
1.19
1.22
1.26
1.30
1.15
1.20
1.23
1.27
1.30
U2004A
9 kHz to 2 GHz
2 to 6 GHz
1.13
1.19
1.15
1.20
U2000B
10 MHz to 2 GHz
2 to 12.4 GHz
12.4 to 18 GHz
1.12
1.17
1.24
1.14
1.18
1.25
U2001B
10 MHz to 2 GHz
2 to 6 GHz
1.12
1.17
1.14
1.18
U2000H
10 MHz to 8 GHz
8 to 12.4 GHz
12.4 to 18 GHz
1.15
1.25
1.28
1.17
1.26
1.29
U2001H
10 MHz to 6 GHz
1.15
1.17
U2002H
50 MHz to 8 GHz
8 to 12.4 GHz
12.4 to 18 GHz
18 to 24 GHz
1.15
1.25
1.28
1.30
1.17
1.26
1.29
1.31
07 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com