Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2000/1/2H Datasheet(PDF) 11 Page - Keysight Technologies

Part # U2000/1/2H
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1/2H Datasheet(HTML) 11 Page - Keysight Technologies

Back Button U2000/1/2H Datasheet HTML 7Page - Keysight Technologies U2000/1/2H Datasheet HTML 8Page - Keysight Technologies U2000/1/2H Datasheet HTML 9Page - Keysight Technologies U2000/1/2H Datasheet HTML 10Page - Keysight Technologies U2000/1/2H Datasheet HTML 11Page - Keysight Technologies U2000/1/2H Datasheet HTML 12Page - Keysight Technologies U2000/1/2H Datasheet HTML 13Page - Keysight Technologies U2000/1/2H Datasheet HTML 14Page - Keysight Technologies U2000/1/2H Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Specifications (continued)
Typical power accuracy at 25 °C for
U2000/1/2/4A sensors1, 2
Typical power accuracy at 25 °C for
U2000/1/2H sensors1, 2
Typical power accuracy at 25 °C for
U2000/1B sensors1, 2
1. Measurement uncertainty ≤ 1.9%. At room temperature and excluding power level dependent terms (zero set, drift, and noise).
Refer to Keysight Fundamentals of RF and Microwave Power Measurements (Part 3) Power Measurement Uncertainty per International
Guide (Application Note 1449-3), 5988-9215EN for more information on measurement uncertainty.
2. After zeroing, 30 minutes of power-on warm-up, and 1024 averages.
11 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com