Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6590
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6590 Datasheet HTML 3Page - STMicroelectronics L6590 Datasheet HTML 4Page - STMicroelectronics L6590 Datasheet HTML 5Page - STMicroelectronics L6590 Datasheet HTML 6Page - STMicroelectronics L6590 Datasheet HTML 7Page - STMicroelectronics L6590 Datasheet HTML 8Page - STMicroelectronics L6590 Datasheet HTML 9Page - STMicroelectronics L6590 Datasheet HTML 10Page - STMicroelectronics L6590 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
L6590
Figure 9. Vcc clamp vs. Temperature
Figure 10. OVP Threshold vs. Temperature
Figure 11. OCP Threshold vs. Current Slope
Figure 12. OCP threshold vs. Temperature
Figure 13. Internal E/A Reference Voltage
Figure 14. Error Amplifier Slew Rate
-50
0
50
100
150
17
17.2
17.4
17.6
17.8
18
Tj [°C]
VCCclamp [V]
Iclamp =20mA
Iclamp =10mA
-50
0
50
100
150
15
15.2
15.4
15.6
15.8
16
Tj [°C]
Vth [V]
50
100
150
200
250
0.96
0.98
1
1.02
1.04
1.06
dI/dt [mA/µs]
Ipklim / (Ipklim @ di/dt = 120 mA/µs)
Tj = 25 °C
-50
0
50
100
150
0.98
1
1.02
1.04
1.06
1.08
1.1
Tj [°C]
Ipklim / (Ipklim @ Tj = 25°C)
di/dt = 120 mA/µs
-50
0
50
100
150
2.4
2.45
2.5
2.55
2.6
Tj [°C]
Vref [V]
0
2
4
6
8
10
121416
0
1
2
3
4
5
t[µs]
VCOMP [V]
VFB
VCOMP
RL =10 k
Ω
CL = 100 pF
open loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com