Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6590
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6590 Datasheet HTML 8Page - STMicroelectronics L6590 Datasheet HTML 9Page - STMicroelectronics L6590 Datasheet HTML 10Page - STMicroelectronics L6590 Datasheet HTML 11Page - STMicroelectronics L6590 Datasheet HTML 12Page - STMicroelectronics L6590 Datasheet HTML 13Page - STMicroelectronics L6590 Datasheet HTML 14Page - STMicroelectronics L6590 Datasheet HTML 15Page - STMicroelectronics L6590 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
L6590
12/23
Figure 28. Test Board (2) evaluation data
Figure 29. Test Board (2) EMI Characterization
Load & Line regulation
0.003
0.01
0.03
0.1
0.3
1
3
4.9
4.92
4.94
4.96
4.98
5
Load Current [A]
Output Voltage [V]
264 VAC
88 VAC
110 VAC
220 VAC
Efficiency
0.003
0.01
0.03
0.1
0.3
1
3
20
30
40
50
60
70
80
Load Current [A]
Efficiency [%]
88 VAC
264 VAC
220 VAC
110 VAC
Light-load Consumption
50
100
150
200
250
300
350
400
450
0
200
400
600
800
1,000
DC Input Voltage [V]
Input Power [mW]
Pout
0.5W
0.25W
0.1W
0.05W
0W
Device Power Dissipation
0.003
0.01
0.03
0.1
0.3
1
3
0.05
0.1
0.2
0.5
1
2
5
Load Current [A]
Pdiss [W]
88 VAC
110 VAC
264 VAC
220 VAC
Rthj-amb= 58 °C/W @ 1.5W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com