Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6590
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590 Datasheet(HTML) 3 Page - STMicroelectronics

  L6590 Datasheet HTML 1Page - STMicroelectronics L6590 Datasheet HTML 2Page - STMicroelectronics L6590 Datasheet HTML 3Page - STMicroelectronics L6590 Datasheet HTML 4Page - STMicroelectronics L6590 Datasheet HTML 5Page - STMicroelectronics L6590 Datasheet HTML 6Page - STMicroelectronics L6590 Datasheet HTML 7Page - STMicroelectronics L6590 Datasheet HTML 8Page - STMicroelectronics L6590 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
L6590
PIN FUNCTIONS
THERMAL DATA
(*) Value depending on PCB copper area and thickness
.
ABSOLUTE MAXIMUM RATINGS
Pin#
Name
Description
L6590
L6590D
1
1
DRAIN
Drain connection of the internal power MOSFET. The internal high voltage start-up
generator sinks current from this pin.
2
2, 3
N.C.
Not internally connected. Provision for clearance on the PCB.
34
VCC
Supply pin of the IC. An electrolytic capacitor is connected between this pin and ground.
The internal start-up generator charges the capacitor until the voltage reaches the start-
up threshold. The PWM is stopped if the voltage at the pin exceeds a certain value.
47
COMP
Output of the Error Amplifier. Used for control loop compensation or to directly control
PWM with an optocoupler.
5
8
VFB
Inverting input of the Error Amplifier. The non-inverting one is internally connected to a
2.5V± 2% reference. This pin can be grounded in some feedback schemes.
6 to 8
-
GND
Connection of both the source of the internal MOSFET and the return of the bias current
of the IC. Pins connected to the metal frame to facilitate heat dissipation.
-
6
BOK
Brownout Protection. If the voltage applied to this pin is lower than 2.5V the PWM is
disabled. This pin is typically used for sensing the input voltage of the converter through
a resistor divider. If not used, the pin can be either left floating or connected to Vcc
through a 15 k
Ω resistor.
-
5
SGND
Current return for the bias current of the IC.
-
9 to 16
PGND
Connection of the source of the internal MOSFET. Pins connected to the metal frame to
facilitate heat dissipation.
Symbol
Parameter
Minidip
SO16W
Unit
Rthj-amb
Thermal Resistance Junction to ambient (*)
35 to 60
40 to 65
°C/W
Rthj-pins
Thermal Resistance Junction to pins
15
20
°C/W
Symbol
Parameter
Value
Unit
Vds
Drain Source Voltage
-0.3 to 700
V
Id
Drain Current
0.7
A
Vcc
IC Supply Voltage
18
V
Iclamp
Vcc Zener Current
20
mA
Error Amplifier Ouput Sink Current
3
mA
Voltage on Feedback Input
5
V
BOK pin Sink Current
1
mA
Ptot
Power Dissipation at Tamb < 50°C (Minidip and SO16W)
3cm2, 2 oz copper dissipating area on PCB
1.5
W
Tj
Operating Junction Temperature
-40 to 150
°C
Tstg
Storage Temperature
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com