Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6590
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590 Datasheet(HTML) 2 Page - STMicroelectronics

  L6590 Datasheet HTML 1Page - STMicroelectronics L6590 Datasheet HTML 2Page - STMicroelectronics L6590 Datasheet HTML 3Page - STMicroelectronics L6590 Datasheet HTML 4Page - STMicroelectronics L6590 Datasheet HTML 5Page - STMicroelectronics L6590 Datasheet HTML 6Page - STMicroelectronics L6590 Datasheet HTML 7Page - STMicroelectronics L6590 Datasheet HTML 8Page - STMicroelectronics L6590 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
L6590
2/23
DESCRIPTION (continued)
The MOSFET is source-grounded, thus it is possible
to build flyback, boost and forward converters.
The device can work with secondary feedback and a
2.5V±2% internal reference, in addition to a high gain
error amplifier, makes possible also the use in appli-
cations either with primary feedback or not isolated.
The internal fixed oscillator frequency and the integrated
non dissipative start-up generator minimize the external
component count and power consumption.
The device is equipped with a standby function that
automatically reduces the oscillator frequency from
65 to 22 kHz under light load conditions to enhance
efficiency (Pin <1W @ Pout = 0.5W with wide range
mains).
Internal protections like cycle-by-cycle current limiting,
latched output overvoltage protection, mains undervolt-
age protection (SMD version only) and thermal shut-
down generate a 'robust' design solution.
The IC uses a special leadframe with the ground pins
(6, 7 and 8 in minidip, 9 to16 in SO16W package) in-
ternally connected in order for heat to be easily re-
moved from the silicon die. An heatsink can then be
realized by simply making provision of few cm2 of
copper on the PCB. Furthermore, the pin(s) close to
the high-voltage one are not connected to ease com-
pliance with safety distances on the PCB.
BLOCK DIAGRAM
PIN CONNECTIONS (Top view)
SUPPLY
&UVLO
OVP
OCP
+
-
+
-
2.5V
+
-
DRAIN
(1)
[1]
VCC
(3)
[4]
BOK
[6]
COMP
(4)
[7]
GND
(6,7,8)
PGND
[9, ..., 16]
VREF
BROWNOUT
PWM
STANDBY
START-UP
OSC
65/22 kHz
THERMAL
SHUTDOWN
2.5V
-
+
VFB
(5)
[8]
VREF
SGND
[5]
[x] : L6590D (SO16W)
VFB
DRAIN
N.C.
Vcc
COMP
GND
GND
GND
MINIDIP
L6590
DRAIN
N.C.
N.C.
Vcc
SGND
BOK
COMP
VFB
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
SO16W
L6590D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com