Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6590
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590 Datasheet(HTML) 1 Page - STMicroelectronics

  L6590 Datasheet HTML 1Page - STMicroelectronics L6590 Datasheet HTML 2Page - STMicroelectronics L6590 Datasheet HTML 3Page - STMicroelectronics L6590 Datasheet HTML 4Page - STMicroelectronics L6590 Datasheet HTML 5Page - STMicroelectronics L6590 Datasheet HTML 6Page - STMicroelectronics L6590 Datasheet HTML 7Page - STMicroelectronics L6590 Datasheet HTML 8Page - STMicroelectronics L6590 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
L6590
October 2000
s
WIDE-RANGE MAINS OPERATION
s
"ON-CHIP" 700V V(BR)DSS POWER MOS
s
65 kHz INTERNAL OSCILLATOR
s
2.5V ± 2% INTERNAL REFERENCE
s
STANDBY MODE FOR HIGH EFFICIENCY AT
LIGHT LOAD
s
OVERCURRENT AND LATCHED
OVERVOLTAGE PROTECTION
s
NON DISSIPATIVE BUILT-IN START-UP CIRCUIT
s
THERMAL SHUTDOWN WITH HYSTERESIS
s
BROWNOUT PROTECTION (SMD PACKAGE
ONLY)
MAIN APPLICATIONS
s
WALL PLUG POWER SUPPLIES UP TO 15 W
s
AC-DC ADAPTERS
s
AUXILIARY POWER SUPPLIES FOR:
- CRT AND LCD MONITOR (BLUE ANGEL)
- DESKTOP PC/SERVER
- FAX, TV, LASER PRINTER
- HOME APPLIANCES/LIGHTING
s
LINE CARD, DC-DC CONVERTERS
DESCRIPTION
The L6590 is a monolithic switching regulator de-
signed in BCD OFF-LINE technology, able to operate
with wide range input voltage and to deliver up to
15W output power. The internal power switch is a lat-
eral power MOSFET with a typical RDS(on) of 13Ω
and a V(BR)DSS of 700V minimum.
MINIDIP
SO16W
ORDERING NUMBERS:
L6590N
L6590D
FULLY INTEGRATED POWER SUPPLY
TYPICAL APPLICATION CIRCUIT
3
1
5
6, 7, 8
L6590
AC line
88 to 264 Vac
4
Vcc
VFB
COMP
DRAIN
GND
Pout
up to 15W
Primary Feedback
3
1
5
6, 7, 8
L6590
AC line
88 to 264 Vac
4
Vcc
VFB
COMP
DRAIN
GND
Pout
up to 15W
Secondary Feedback


Similar Part No. - L6590

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
FULLY INTEGRATED POWER SUPPLY
Oct-2000
More results

Similar Description - L6590

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
FULLY INTEGRATED POWER SUPPLY
Oct-2000
logo
Freescale Semiconductor...
34712 FREESCALE-34712 Datasheet
477Kb / 23P
3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
34713 FREESCALE-34713 Datasheet
510Kb / 21P
5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
logo
Fairchild Semiconductor
FAN4603 FAIRCHILD-FAN4603 Datasheet
955Kb / 12P
600mA, Fully Integrated, Buck Power Supply Module
logo
Rohm
BZ6A7D06GM ROHM-BZ6A7D06GM Datasheet
690Kb / 19P
0.65A Output, Fully Integrated, Step-down Switching Power Supply Module
logo
M/A-COM Technology Solu...
MAAP-010150 MA-COM-MAAP-010150 Datasheet
2Mb / 13P
Fully Integrated Power Amplifier
MAAP-018260 MA-COM-MAAP-018260 Datasheet
2Mb / 12P
Fully Integrated Power Amplifier
MAAP-110150 MA-COM-MAAP-110150 Datasheet
2Mb / 13P
Fully Integrated Power Amplifier
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
Fully Integrated Power Amplifier
logo
Rohm
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
0.65A Output, Fully Integrated Step-down Switching Power Supply Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com