Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6590
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6590 Datasheet HTML 13Page - STMicroelectronics L6590 Datasheet HTML 14Page - STMicroelectronics L6590 Datasheet HTML 15Page - STMicroelectronics L6590 Datasheet HTML 16Page - STMicroelectronics L6590 Datasheet HTML 17Page - STMicroelectronics L6590 Datasheet HTML 18Page - STMicroelectronics L6590 Datasheet HTML 19Page - STMicroelectronics L6590 Datasheet HTML 20Page - STMicroelectronics L6590 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
L6590
Another problem is the spurious restarts that are likely to occur during converter power down if the input voltage
decays slowly (e.g. with a large input bulk capacitor) and that cause the output voltage not to decay to zero
monothonically.
Converter shutdown can be accomplished with the L6590D by means of an internal comparator that can be
used to sense the voltage across the input bulk capacitor. This comparator is internally referenced to 2.5V and
disables the PWM if the voltage applied at its non-inverting input, externally available, is below the reference.
PWM operation is re-enabled as the voltage at the pin is more than 2.5V.
The brownout comparator is provided with current hysteresis instead of a more usual voltage hysteresis: an in-
ternal 50 µA current generator is ON as long as the voltage applied at the non-inverting input exceeds 2.5V and
is OFF if the voltage is below 2.5V. This approach provides an additional degree of freedom: it is possible to set
the ON threshold and the OFF threshold separately by properly choosing the resistors of the external divider,
which is not possible with voltage hysteresis.
Overvoltage Protection
The IC incorporates an Overvoltage Protection (OVP) that can be particularly useful to protect the converter and
the load against voltage feedback loop failures. This kind of failure causes the output voltage to rise with no
control and easily leads to the destruction of the load and of the converter itself if not properly handled.
If such an event occurs, the voltage generated by the auxiliary winding that supplies the IC will fly up tracking
the output voltage. An internal comparator continuously monitors the Vcc voltage and stops the operation of the
IC if the voltage exceeds 16.5 V. This condition is latched and maintained until the Vcc voltage falls below the
UVLO threshold. The converter will then operate intermittently.
Figure 36. OVP internal schematic
Overcurrent Protection
The device uses pulse-by-pulse current limiting for Overcurrent Protection (OCP), in order to prevent overstress
of the internal MOSFET: its current during the ON-time is monitored and, if it exceeds a determined value, the
conduction is terminated immediately. The MOSFET will be turned on again in the subsequent switching cycle.
As previously mentioned, the internal powerMOSFET has a SenseFET structure: the source of a few cells are
connected together and kept separate from the other source connections so as to realize a 1:100 current divider.
The "sense" portion is connected to a ground referenced, sense resistor having a low thermal coefficient. The
OCP comparator senses the voltage drop across the sense resistor and resets the PWM latch if the drop ex-
ceeds a threshold, thus turning off the MOSFET. In this way the overcurrent threshold is set at about 0.65 A
(typical value).
Vcc
DRAIN
+
-
to OVP
latch
GND
to
MOSFET
OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com